Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7447221101 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7447221101
Description  WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447221101 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447221101 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447221101 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447221101 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447221101 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447221101 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447221101 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1.0
REV
2015-04-14
DATE
SSt
BY
MaKa
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TIF Radial Leaded Wire Wound
Inductor with 4 Pins
Order.- No.
7447221101
SIZE
A4
Size: 1016
F1 Typical Inductance vs. Current Characteristics:
F2 Typical Inductance vs. Frequency Characteristics:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 7447221101

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447221102 WURTH-7447221102 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447221103 WURTH-7447221103 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
More results

Similar Description - 7447221101

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447231331 WURTH-7447231331 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447211102 WURTH-7447211102 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447211472 WURTH-7447211472 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447221102 WURTH-7447221102 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447221682 WURTH-7447221682 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447231103 WURTH-7447231103 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
1.0 2015-04-14
7447221103 WURTH-7447221103 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447211332 WURTH-7447211332 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447211681 WURTH-7447211681 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447221472 WURTH-7447221472 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
7447211221 WURTH-7447211221 Datasheet
1Mb / 6P
   WE-TIF Radial Leaded Wire Wound Inductor with 4 Pins
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com