Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M8206A24TDE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PT7M8206A24TDE
Description  LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M8206A24TDE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PT7M8206A24TDE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M8206A24TDE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M8206A24TDE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M8206A24TDE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M8206A24TDE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M8206A24TDE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M8206A24TDE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M8206A24TDE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M8206A24TDE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0004
PT0359-2
07/10/12
3
PT7M8206
LDO Regulator
Typical Performance and Characteristics
1.
Output Voltage vs. Output Current
PT7M8206 (1.2V)
Cin=1µF(Ceramics), Cout=1µF(Ceramics)
0.0
0.5
1.0
1.5
0
100
200
300
400
500
600
Io (mA)
Vin=2.5V
Vin=3.5V
Vin=5.5V
PT7M8206 (3.3V)
Cin=1µF(Ceramics), Cout=1µF(Ceramics)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
100
200
300
400
500
600
700
Io (mA)
Vin=4.5V
Vin=5.5V
2.
Output Voltage vs. Input Voltage
PT7M8206 (1.2V)
Topr=25℃
Cin=1µF(Ceramics), Cout=1µF(Ceramics)
0.0
0.4
0.8
1.2
1.6
1.5
2.5
3.5
4.5
5.5
Vin (V)
0mA
30mA
100mA
PT7M8206 (3.3V)
Topr=25℃
Cin=1µF(Ceramics), Cout=1µF(Ceramics)
0.0
1.0
2.0
3.0
4.0
1.5
2.5
3.5
4.5
5.5
Vin (V)
0mA
30mA
100mA


Similar Part No. - PT7M8206A24TDE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8202A12CE PERICOM-PT7M8202A12CE Datasheet
351Kb / 11P
   LDO Regulator
PT7M8202A12TAE PERICOM-PT7M8202A12TAE Datasheet
351Kb / 11P
   LDO Regulator
PT7M8202A13CE PERICOM-PT7M8202A13CE Datasheet
351Kb / 11P
   LDO Regulator
PT7M8202A13TAE PERICOM-PT7M8202A13TAE Datasheet
351Kb / 11P
   LDO Regulator
More results

Similar Description - PT7M8206A24TDE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8205 PERICOM-PT7M8205 Datasheet
315Kb / 10P
   LDO Regulator
PT7M8208 PERICOM-PT7M8208 Datasheet
396Kb / 10P
   LDO Regulator
logo
Rohm
BD50FA1MG-M ROHM-BD50FA1MG-M Datasheet
1Mb / 23P
   LDO Regulator
BD3650FP-M ROHM-BD3650FP-M Datasheet
377Kb / 11P
   LDO Regulator
logo
Unisonic Technologies
UR1171 UTC-UR1171 Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
logo
HuaXinAn Electronics CO...
AP1153ADSXX HUAXINAN-AP1153ADSXX Datasheet
1Mb / 29P
   Output LDO Regulator
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
ON Semiconductor
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com