Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

173950378 Datasheet(PDF) 8 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 173950378
Description  Fixed Step Down Regulator Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

173950378 Datasheet(HTML) 8 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 173950378 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 173950378 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 173950378 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 173950378 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 173950378 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 173950378 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 173950378 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. 173950378 Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. 173950378 Datasheet HTML 12Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
WPMDL110xxx1S / 17301xx78
MagI
3C Power Module
FDSM – Fixed Step Down Regulator Module
We-online.com
Würth Elektronik eiSos GmbH & Co. KG – Data Sheet Rev. 1.0
© November 2015
8/12
BLOCK DIAGRAM
CIRCUIT DESCRIPTION
The MagI³C Power Module 173xxxx78 is based on a non-synchronous step-down regulator with integrated MOSFET, free-
wheeling diode, power inductor, input and output capacitors. The control scheme is based on a Current Mode (CM)
regulation loop.
The VOUT of the regulator is divided with the internal feedback resistor network and fed into the error amplifier which
compares this signal with the internal 0.8V reference. The error signal is amplified and controls the on-time of a fixed
frequency pulse width generator. This signal drives the power MOSFET.
The Current Mode architecture features a constant frequency during load steps. Only the on-time is modulated. It is
internally compensated and stable with low ESR output capacitors and requires no external compensation network.


Similar Part No. - 173950378

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
173950378 WURTH-173950378 Datasheet
572Kb / 12P
   Fixed Step Down Regulator Module
173950378 WURTH-173950378 Datasheet
1Mb / 24P
   Pulse skipping for high efficiency at light loads
173950378 WURTH-173950378 Datasheet
1Mb / 24P
   Continuous output power: 3.3W or 5W
173950378 WURTH-173950378 Datasheet
2Mb / 36P
   FDSM ??Fixed Step Down Regulator Module
1.0
173950378 WURTH-173950378 Datasheet
3Mb / 36P
   Fixed Step Down Regulator Module
Rev. 1.0
More results

Similar Description - 173950378

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
173010578 WURTH-173010578 Datasheet
572Kb / 12P
   Fixed Step Down Regulator Module
173010335 WURTH-173010335 Datasheet
3Mb / 36P
   Fixed Step Down Regulator Module
Rev. 1.0
173950336 WURTH-173950336 Datasheet
2Mb / 36P
   FDSM ??Fixed Step Down Regulator Module
1.0
171060302 WURTH-171060302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171021501 WURTH-171021501 Datasheet
3Mb / 46P
   Variable Step Down Regulator Module
171020302 WURTH-171020302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171040302 WURTH-171040302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171010601 WURTH-171010601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
171030601 WURTH-171030601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
logo
Linear Technology
LTM8025 LINER-LTM8025_15 Datasheet
371Kb / 22P
   36V, 3A Step-Down Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com