Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

171060302 Datasheet(PDF) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 171060302
Description  Variable Step Down Regulator Module
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

171060302 Datasheet(HTML) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button 171060302 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 171060302 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 171060302 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 171060302 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 171060302 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 171060302 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 171060302 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. 171060302 Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. 171060302 Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
WPMDB1400362Q / 171040302
MagI
3C Power Module
VDRM
– Variable Step Down Regulator Module
We-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Preliminary Data Sheet REV 0.1
© Mai 2015
7/29
ELECTRICAL SPECIFICATIONS
MIN and MAX limits are valid for the recommended ambient temperature range of -40°C to 85°C. Typical values represents
statistically the utmost probability at following conditions: VIN = 3.3V, VOUT = 1.8V, IOUT = 2A, CIN1 = 47µF ceramic, CIN2 =
220µF poly-tantalum, COUT1 = 47µ ceramic, COUT2 = 100µF poly-tantalum unless otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(1)
TYP
(2)
MAX
(1)
UNIT
Output current
IOCP
Output current protection
-
7
-
A
Accuracy
VREF
Internal accuracy
TA = 25°C, IOUT = 0A
with internal feedback resistor
-
-
±1
(7)
%
Temperature variation
-
40°C≤TA≤85°C, IOUT = 0A
-
±0.3
-
%
VOUT
Line regulation
Over VIN range, TA = 25°C, IOUT
= 0A
-
±0.1
-
%
Load regulation
Over IOUT range, TA = 25°C
-
±0.1
-
%
Total output voltage variation
-
-
±1.5
%
Output voltage ripple
10µF ceramic, 20MHz BW
(8)
-
9
-
mVpp
Switching frequency
fSW
Switching frequency
Using RT mode
500
-
2000
kHz
RT/CLK pin open
400
500
600
kHz
fCLK
Synchronization clock
frequency range
Using CLK mode
500
-
2000
kHz
Minimum CLK pulse width
75
-
-
ns
VCLK-H
RT/CLK high threshold
Relative to AGND
2.2
-
3.3
V
VCLK-L
RT/CLK low threshold
-0.3
-
0.4
V
fCLK
RT/CLK to switch node delay
-
90
-
ns
PLL lock-in-time
-
14
-
µs
Enable and under-voltage lockout
VUVLO
VIN under-voltage threshold
VIN increasing, UVLO pin
connected to AGND
-
3.05
3.135
V
VIN decreasing, UVLO pin
connected to AGND
2.5
2.75
-
V
VENABLE
Enable threshold trip point
Enable logic high voltage
-
1.25
-
V
Enable logic low voltage
-0.3
-
1.0
V
Power Good
PG
Power Good threshold
VOUT rising, VOUT GOOD
-
93
-
%
VOUT rising, VOUT FAULT
-
107
-
%
VOUT falling, VOUT GOOD
-
105
-
%
VOUT falling, VOUT FAULT
-
91
-
%
Power Good low voltage
IPG = 0.33mA
-
-
0.3
V


Similar Part No. - 171060302

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
171060302 WURTH-171060302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171060302 WURTH-171060302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
More results

Similar Description - 171060302

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
171020302 WURTH-171020302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171060302 WURTH-171060302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171021501 WURTH-171021501 Datasheet
3Mb / 46P
   Variable Step Down Regulator Module
171010601 WURTH-171010601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
171030601 WURTH-171030601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
178032401 WURTH-178032401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178020601 WURTH-178020601 Datasheet
1Mb / 29P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178012401 WURTH-178012401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
171011801 WURTH-171011801 Datasheet
3Mb / 49P
   MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
178012402 WURTH-178012402 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com