Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPMDB1600362Q Datasheet(PDF) 8 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # WPMDB1600362Q
Description  Variable Step Down Regulator Module
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

WPMDB1600362Q Datasheet(HTML) 8 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Back Button WPMDB1600362Q Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1600362Q Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1600362Q Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1600362Q Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1600362Q Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1600362Q Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1600362Q Datasheet HTML 10Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1600362Q Datasheet HTML 11Page - Wurth Elektronik GmbH & Co. KG, Germany. WPMDB1600362Q Datasheet HTML 12Page - Wurth Elektronik GmbH & Co. KG, Germany. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
WPMDB1200362Q / 171020302
MagI
3C Power Module
VDRM
– Variable Step Down Regulator Module
We-online.com
Würth Elektronik eiSos GmbH & Co. KG
– Preliminary Data Sheet REV 0.1
© Mai 2015
8/29
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(1)
TYP
(2)
MAX
(1)
UNIT
Efficiency
η
Efficiency
VIN = 5V
IOUT = 1A
VOUT = 3.3V, fSW = 1.5MHz
-
95
-
%
VOUT = 2.5V, fSW = 1.5MHz
-
93
-
%
VOUT = 1.8V, fSW = 1.0MHz
-
92
-
%
VOUT = 1.5V, fSW = 1.0MHz
-
91
-
%
VOUT = 1.2V, fSW = 750kHz
-
90
-
%
VOUT = 1.0V, fSW = 650kHz
-
88
-
%
VOUT = 0.8V, fSW = 650kHz
-
87
-
%
VIN = 3.3V
IOUT = 1A
VOUT = 1.8V, fSW = 1.0MHz
-
93
-
%
VOUT = 1.5V, fSW = 1.0MHz
-
92
-
%
VOUT = 1.2V, fSW = 750kHz
-
91
-
%
VOUT = 1.0V, fSW = 650kHz
-
89
-
%
VOUT = 0.8V, fSW = 650kHz
-
87
-
%
Input and output capacitors
CIN
External input capacitor
ceramic
47
(9)
-
-
µF
Non ceramic
-
220
(9)
-
µF
COUT
External output cpacitor
ceramic
47
(10)
150
650
(11)
µF
Non ceramic
-
100
(10)
1000
(11)
µF
Output capacitor ESR
-
-
25
mΩ
Transient Response
TTR
Transient Response
Recovery time
1A/µs load step from 0.5A to
1.5A
-
80
-
µs
TTR
VOUT over/undershoot
1A/µs load step from 0.5A to
1.5A
-
45
-
mV
Input standby current
IQ
Input quiescent current
Enable logic low
-
70
100
µA


Similar Part No. - WPMDB1600362Q

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
WPMDB1600362Q WURTH-WPMDB1600362Q Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
WPMDB1600362Q WURTH-WPMDB1600362Q Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
More results

Similar Description - WPMDB1600362Q

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
171040302 WURTH-171040302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171060302 WURTH-171060302 Datasheet
1Mb / 29P
   Variable Step Down Regulator Module
171021501 WURTH-171021501 Datasheet
3Mb / 46P
   Variable Step Down Regulator Module
171010601 WURTH-171010601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
171030601 WURTH-171030601 Datasheet
3Mb / 54P
   Variable Step Down Regulator Module
178032401 WURTH-178032401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178020601 WURTH-178020601 Datasheet
1Mb / 29P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178012401 WURTH-178012401 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
171011801 WURTH-171011801 Datasheet
3Mb / 49P
   MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
178012402 WURTH-178012402 Datasheet
1Mb / 31P
   MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com