Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M8202B28CE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT7M8202B28CE
Description  LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M8202B28CE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT7M8202B28CE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M8202B28CE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M8202B28CE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M8202B28CE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M8202B28CE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M8202B28CE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M8202B28CE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M8202B28CE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M8202B28CE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
LDO Regulator
12-07-0004
PT0338-1
07/10/12
1
PT7M8202
Features
 Output Current 300mA or more
 Ultra-Low-Noise for RF Application:
 30µVRMS @1.2V
 Quick Start-Up (Typically 50s)
 Dropout Voltage: 270mV@300mA for 3.3V
 Wide Operating Voltage Range: 1.8V to 5.5V
 Output Voltage Range: 1.2V to 3.3V(100 mV Step)
 Standby Current: 0.1µA
 High Ripple Rejection: 80dB@1kHz
 Output Current-Limit Protection
 Thermal Shutdown Protection
 Operating Temperature Range: -40℃~+85℃
 Low ESR Capacitor compatible: Ceramic capacitor
 Lead Free and Green Package: SOT23-5L, SC70-5L
Pin Configuration
SC70-5L/SOT23-5L (Top View)
Description
The PT7M8202 series are highly accurate, low dropout
voltage regulators with low noise, high ripple rejection
and low current consumption for portable RF and
wireless applications.
The PT7M8202 includes a reference voltage source, an
error amplifier, a driver transistor, a current limit
protection,a thermal protection and an internal phase
compensator.
A noise bypass pin is available for further reduction of
output noise.
The output voltage for the regulator is set by factory
trimming within a range of 1.2V to 3.3V in 100mV step
includes 2.85V. The PT7M8202 series are stable with
low ESR ceramic capacitors.
Applications
Mobile phones (PDC, GSM, CDMA, IMT2000 etc.)
Cordless phones and radio communication
Digital still cameras and video cameras
PDAs
MP3 players
Portable devices
Pin Description
Pin No. for
SOT23-5L/SC70-5L
I/O
Name
Descriptions
1
I
VIN
Regulator Supply Input. Supply voltage can range from 1.8V to 5.5V.
Bypass with a 1F ceramic capacitor (X5R/X7R) to GND.
2
P
GND
Ground.
3
I
EN
ON/OFF Control of Regulator.
4
-
BP
Reference Noise Bypass.
5
O
VOUT
Output of Regulator. Bypass with a 1F ceramic capacitor
(X5R/X7R) to GND.
-
-
NC
No Connection.
BP
VOUT
GND
EN
2
3
4
1
5
VIN


Similar Part No. - PT7M8202B28CE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8205 PERICOM-PT7M8205 Datasheet
315Kb / 10P
   LDO Regulator
PT7M820512TAE PERICOM-PT7M820512TAE Datasheet
315Kb / 10P
   LDO Regulator
PT7M820513TAE PERICOM-PT7M820513TAE Datasheet
315Kb / 10P
   LDO Regulator
PT7M820514TAE PERICOM-PT7M820514TAE Datasheet
315Kb / 10P
   LDO Regulator
PT7M820515TAE PERICOM-PT7M820515TAE Datasheet
315Kb / 10P
   LDO Regulator
More results

Similar Description - PT7M8202B28CE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8206 PERICOM-PT7M8206 Datasheet
373Kb / 12P
   LDO Regulator
PT7M8205 PERICOM-PT7M8205 Datasheet
315Kb / 10P
   LDO Regulator
PT7M8208 PERICOM-PT7M8208 Datasheet
396Kb / 10P
   LDO Regulator
logo
Rohm
BD50FA1MG-M ROHM-BD50FA1MG-M Datasheet
1Mb / 23P
   LDO Regulator
BD3650FP-M ROHM-BD3650FP-M Datasheet
377Kb / 11P
   LDO Regulator
logo
Unisonic Technologies
UR1171 UTC-UR1171 Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
logo
HuaXinAn Electronics CO...
AP1153ADSXX HUAXINAN-AP1153ADSXX Datasheet
1Mb / 29P
   Output LDO Regulator
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
ON Semiconductor
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com