Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBJ810 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # KBJ810
Description  SINGLE PHASE 8.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

KBJ810 Datasheet(HTML) 2 Page - Nanjing International Group Co

  KBJ810 Datasheet HTML 1Page - Nanjing International Group Co KBJ810 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (KBJ8005 THRU KBJ810)
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT
PERCENTAGE OF PEAK REVERSE VOLTAGE, (%)
8.0
20
40
60
80 100 120 140
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
CASE TEMPERATURE ( C)
DERATING CURVE
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0 1.2
1.4
3.0
0
25
50
75
100 125 150 175
Tj=100 C
Tj=25 C
Tj=25 C
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
100
50
150
250
200
NUMBER OF CYCLES AT 60Hz
110
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method


Similar Part No. - KBJ810

ManufacturerPart #DatasheetDescription
logo
RFE international
KBJ810 RFE-KBJ810 Datasheet
341Kb / 2P
   BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
Shenzhen Luguang Electr...
KBJ810 LUGUANG-KBJ810 Datasheet
142Kb / 2P
   Silicon Bridge Rectifiers
logo
Chongqing Pingwei Enter...
KBJ810 CHONGQING-KBJ810 Datasheet
203Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ810 CHONGQING-KBJ810 Datasheet
203Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
KBJ810 CHENDA-KBJ810 Datasheet
544Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBJ810

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS8P01G TSC-TS8P01G_11 Datasheet
138Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
GBJ8005 DGNJDZ-GBJ8005 Datasheet
165Kb / 2P
   SINGLE PHASE 8.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
SB801G TSC-SB801G Datasheet
69Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
GBU801 TSC-GBU801 Datasheet
49Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
KBU801G TSC-KBU801G Datasheet
54Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
GBU801 TSC-GBU801_10 Datasheet
526Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC800G JGD-KBPC800G Datasheet
128Kb / 2P
   SINGLE PHASE 8.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
KBU800G JGD-KBU800G Datasheet
138Kb / 2P
   SINGLE PHASE 8.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS8P01G TSC-TS8P01G Datasheet
49Kb / 2P
   Single Phase 8.0 Amps. Glass Passivated Bridge Rectifiers
GBU801 TSC-GBU801_1 Datasheet
187Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com