Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU810 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # GBU810
Description  SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

GBU810 Datasheet(HTML) 1 Page - Nanjing International Group Co

  GBU810 Datasheet HTML 1Page - Nanjing International Group Co GBU810 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=50 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 4.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Storage Temperature Range, TSTG
Operating Temperature Range, Tj
GBU8005
GBU801
GBU802
GBU804
GBU806
GBU808
GBU810
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
8.0
200
10
500
-50
+150
-50
+150
V
A
A
V
uA
m
uA
C
C
* Ideal for printed circuit board
* Low forward voltage
* Polarity: marked on body
* Mounting position: Any
GBU8005 THRU GBU810
1.1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
8.0 Ampere
* Low leakage current
GBU
.752(19.1)
.720(18.3)
(.874)
(.860)
22.2
21.8
.720(18.29)
.680(17.27)
AC
.232(5.9)
.224(5.7)
.1
73(4.40)
.1
34(3.40)
.083(2.1)
.075(1.9)
.022(.56)
.018(.46)
.210
.190
.210
.190
.210
.190
(5.33)
(4.83)
(5.33)
(4.83)
(5.33)
(4.83)
+
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request


Similar Part No. - GBU810

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU810 DIODES-GBU810 Datasheet
67Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. D-2
logo
First Silicon Co., Ltd
GBU810 FS-GBU810 Datasheet
205Kb / 2P
   Bridge Rectifier
logo
Continental Device Indi...
GBU810 CDIL-GBU810 Datasheet
297Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
GBU810 YANGJIE-GBU810 Datasheet
173Kb / 4P
   Bridge Rectifier
logo
Diodes Incorporated
GBU810 DIODES-GBU810 Datasheet
75Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. 7 - 2
More results

Similar Description - GBU810

ManufacturerPart #DatasheetDescription
logo
Bytes
BR805 BYTES-BR805 Datasheet
145Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
GBJ801 UNIOHM-GBJ801 Datasheet
67Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
BR805 NJSEMI-BR805 Datasheet
48Kb / 1P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR805-BR810 DGNJDZ-BR805-BR810 Datasheet
190Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
KBU801 DGNJDZ-KBU801 Datasheet
478Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
GBU801 GWSEMI-GBU801 Datasheet
64Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
KBU801 GWSEMI-KBU801 Datasheet
68Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Bytes
RS801M BYTES-RS801M Datasheet
148Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
RS801 DGNJDZ-RS801 Datasheet
213Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
BR805 DGNJDZ-BR805 Datasheet
154Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com