Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU10M Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # GBU10M
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

GBU10M Datasheet(HTML) 1 Page - Nanjing International Group Co

  GBU10M Datasheet HTML 1Page - Nanjing International Group Co GBU10M Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -220~350 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Plastic material has U/L
flammability classification 94V-0
Mounting postition:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
GBU
GBU
GBU
GBU
GBU
GBU
GBU
10A
10B
10D
10G
10J
10K
10M
15005
1501
1502
1504
1506
1508
1510
25005
2501
2502
2504
2506
2508
2510
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
30
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note 2)
Rectified Current
@ TC=100℃ (without heatsink)
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 5.0/7.5/12.5A DC
VF
V
Maximum DC Reverse Current
@ TJ=25℃
at Rated DC Blocking Voltage
@ TJ=125℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJC
℃/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 100mm*100mm*1.6mm cu plate heatsink.
GBU10/15/25 SERIES
A
IR
1.1
I(AV)
-55 to +150
10.0
uA
A
-55 to +150
IFSM
200
70
2.2
500
Rating at 25℃ ambient temperature unless otherwise specified.
REVERSE VOLTAGE
- 50 to 1000Volts
FORWARD CURRENT
- 10/15/25 Amperes
GLASS PASSIVATED
BRIDGE RECTIFIERS
Dimensions in inches and (milimeters)
SYMBOL
UNIT
CHARACTERISTICS
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
GBU
GBU
10
25
220
240
350
GBU
15
GBU
25
4.2
3.2
3.0
15
10
.874(22.2)
.860(21.8)
.146(3.7)
.154(3.9)
.224(5.7)
.232(5.9)
3.2*3.2
CHAMFER
.720(18.3)
.752(19.1)
.720(18.29)
.680(17.27)
.073(1.85)
.057(1.45)
.035(0.9)
.047(1.2)
.100(2.54)
.085(2.16)
.065(1.65)
.080(2.03)
(5.3)
(4.8)
.210
.190
.190
.210
(4.8)
(5.3)
(5.3)
(4.8)
.210
.190
.133(3.37)
.139(3.53)
.091(2.3)
.106(2.7)
.022(.56)
.018(.46)


Similar Part No. - GBU10M

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
GBU10M BILIN-GBU10M Datasheet
172Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
GBU10M DACHANG-GBU10M Datasheet
155Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Gulf Semiconductor
GBU10M GULFSEMI-GBU10M Datasheet
99Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
logo
Diode Semiconductor Kor...
GBU10M DSK-GBU10M Datasheet
227Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
GBU10M MCC-GBU10M Datasheet
142Kb / 3P
   10 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
More results

Similar Description - GBU10M

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com