Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M8202A30TAE Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PT7M8202A30TAE
Description  LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M8202A30TAE Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PT7M8202A30TAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M8202A30TAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M8202A30TAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M8202A30TAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M8202A30TAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M8202A30TAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M8202A30TAE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7M8202A30TAE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7M8202A30TAE Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0004
PT0338-1
07/10/12
11
PT7M8202
LDO Regulator
Ordering Information
Part Number
Package Code
Package
PT7M8202①②③TAE
TA
Lead free and Green SOT23-5L
PT7M8202①②③CE
C
Lead free and Green SC70-5L
Notes:
“①②③” refer to different functions. See below Table 1 and Table 2.
E = Pb-free and Green
Adding X Suffix= Tape/Reel
Table 1 Option Definition Table
Designator
Symbol
Description
Regulators EN type
A
Low active
B
High active
②③ Regulator Output
voltage
12-33, 2A
Internally set sequential number relating output voltage of regulator , the detail is
in Table 2
Table 2 Definition of designator
Designator
②③
VOUT (V)
Designator
②③
VOUT (V)
Designator
②③
VOUT (V)
12
1.2
20
2.0
28
2.8
13
1.3
21
2.1
29
2.9
14
1.4
22
2.2
30
3.0
15
1.5
23
2.3
31
3.1
16
1.6
24
2.4
32
3.2
17
1.7
25
2.5
33
3.3
18
1.8
26
2.6
2A
2.85
19
1.9
27
2.7
Pericom Semiconductor Corporation  1-800-435-2336  www.pericom.com
Pericom reserves the right to make changes to its products or specifications at any time, without notice, in order to improve design or performance and to supply
the best possible product. Pericom does not assume any responsibility for use of any circuitry described other than the circuitry embodied in Pericom product. The
company makes no representations that circuitry described herein is free from patent infringement or other rights, of Pericom.


Similar Part No. - PT7M8202A30TAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8205 PERICOM-PT7M8205 Datasheet
315Kb / 10P
   LDO Regulator
PT7M820512TAE PERICOM-PT7M820512TAE Datasheet
315Kb / 10P
   LDO Regulator
PT7M820513TAE PERICOM-PT7M820513TAE Datasheet
315Kb / 10P
   LDO Regulator
PT7M820514TAE PERICOM-PT7M820514TAE Datasheet
315Kb / 10P
   LDO Regulator
PT7M820515TAE PERICOM-PT7M820515TAE Datasheet
315Kb / 10P
   LDO Regulator
More results

Similar Description - PT7M8202A30TAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8206 PERICOM-PT7M8206 Datasheet
373Kb / 12P
   LDO Regulator
PT7M8205 PERICOM-PT7M8205 Datasheet
315Kb / 10P
   LDO Regulator
PT7M8208 PERICOM-PT7M8208 Datasheet
396Kb / 10P
   LDO Regulator
logo
Rohm
BD50FA1MG-M ROHM-BD50FA1MG-M Datasheet
1Mb / 23P
   LDO Regulator
BD3650FP-M ROHM-BD3650FP-M Datasheet
377Kb / 11P
   LDO Regulator
logo
Unisonic Technologies
UR1171 UTC-UR1171 Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
logo
HuaXinAn Electronics CO...
AP1153ADSXX HUAXINAN-AP1153ADSXX Datasheet
1Mb / 29P
   Output LDO Regulator
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
ON Semiconductor
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com