Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6832ID1C3E Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PT7M6832ID1C3E
Description  Ultra Low Voltage Detectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6832ID1C3E Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PT7M6832ID1C3E Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6832ID1C3E Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6832ID1C3E Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6832ID1C3E Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6832ID1C3E Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6832ID1C3E Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6832ID1C3E Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6832ID1C3E Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M6832ID1C3E Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-11-0003
PT0236-6
11/18/13
2
PT7M6832-6840
Ultra Low Voltage Detectors
Pin Description
PT7M6832- PT7M6837
PT7M6833
SOT23-3
SC70-3
PT7M6832/
PT7M6834
SOT23-3
SC70-3
PT7M6836
PT7M6835/
PT7M6837
Name
Description
1
1
1
1
GND
Ground
-
2
-
4
RESET
Reset Output, Open-Drain or Push-Pull, Active-Low.
/RESET changes from HIGH to LOW when Vcc
drops below the selected reset threshold or /MR is
pulled low. /RESET remains LOW for the reset
timeout period after Vcc exceeds the device reset
threshold and /MR is released high.
2
-
4
-
RESET
Reset Output, Push-Pull, Active-High. RESET
changes from LOW to HIGH when the Vcc input
drops below the selected reset threshold or /MR is
pulled low. RESET remains HIGH for the reset
timeout period after Vcc exceeds the device reset
threshold and /MR is released high.
-
-
3
3
MR
Active-Low Manual Reset Input. Internal 20kΩ pull-
up to Vcc. Pull LOW to force a reset. Reset remains
active as long as MR is LOW and for the reset timeout
period after MR goes HIGH. Leave unconnected or
connect to Vcc if unused
3
3
2
2
VCC
Supply Voltage and Monitored Supply
PT7M6838- PT7M6840
PT7M6839
PT7M6838/
PT7M6840
Name
Description
3
3
RESET-IN
Adjustable Reset Threshold Input. High-impedance input for reset comparator.
Connect this pin to an external resistive-divider network to set the reset threshold
voltage; the typical threshold is 0.44V. Reset is asserted when RESET-IN is below
the threshold (VCC is not monitored).
2
2
Vcc
Supply Voltage (1.3V to 5.5V)
1
1
GND
Ground
4
-
RESET
Reset Output, Push-Pull, Active-High. RESET changes from LOW to HIGH when
the RESET-IN input drops below the typical reset threshold (0.44V). RESET
remains HIGH for the reset timeout period after RESET-IN exceeds the reset
threshold.
-
4
RESET
Reset Output, Open-Drain or Push-Pull, Active-Low. /RESET changes from HIGH
to LOW when RESET-IN drops below the typical reset threshold (0.44V). /RESET
remains LOW for the reset timeout period after RESET-IN exceeds the reset
threshold.


Similar Part No. - PT7M6832ID1C3E

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CH PERICOM-PT7M6101CH Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHC4E PERICOM-PT7M6101CHC4E Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHNE PERICOM-PT7M6101CHNE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHTAE PERICOM-PT7M6101CHTAE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results

Similar Description - PT7M6832ID1C3E

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841 Datasheet
180Kb / 9P
   Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Rev 1; 2/03
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6375 MAXIM-MAX6375 Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
MAX6461 MAXIM-MAX6461 Datasheet
153Kb / 10P
   Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com