Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU404-K Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # GBU404-K
Description  4A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBU404-K Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  GBU404-K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBU404-K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd GBU404-K Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd GBU404-K Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GBU404-K - GBU407-K
Taiwan Semiconductor
CREAT BY ART
- Ideal for printed circuit board
- High case dielectric strength of 1500 VRMS
- High surge current capability
Case:
GBU
Molding compound: UL flammability classification rating 94V-0
Terminal:
Matte tin plated leads, solderable per J-STD-002
Polarity:
As marked
Weight:
4 g (approximately)
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
I
2tA2s
CJ
pF
TJ
°C
TSTG
°C
Version: B1603
Mounting torque:
0.56 Nm (5 in-lbs.) max.
600
800
1000
400
600
800
Marking code
GBU404
GBU405
GBU406
GBU407
GBU405
-K
GBU406
-K
GBU407
-K
SYMBOL
420
560
700
MECHANICAL DATA
4A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
GBU
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
4
GBU404
-K
400
280
1000
IFSM
150
A
Rating of fusing ( t<8.3ms)
93
Maximum Instantaneous Forward Voltage (Note 1)
IF= 2 A
IF= 4 A
VF
1.0
1.1
V
Peak forward surge current,
8.3 ms single half sine-wave
- 55 to +150
IR
5
μA
500
Typical junction capacitance per leg (Note 2)
Maximum reverse current @ rated VR
TJ=25°C
45
100
TJ=125°C
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
Note 2: Measured at 1MHz and applied reverse bias of 4.0V
Typical thermal resistance
RθJC
RθJA
4
20
°C/W
Operating junction temperature range


Similar Part No. - GBU404-K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBU404-K TSC-GBU404-K Datasheet
187Kb / 4P
   4A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU404-K TSC-GBU404-K_16 Datasheet
187Kb / 4P
   4A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - GBU404-K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBU404-K TSC-GBU404-K_16 Datasheet
187Kb / 4P
   4A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU804-K TSC-GBU804-K Datasheet
187Kb / 4P
   8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBLA005 TSC-GBLA005_16 Datasheet
207Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU401 TSC-GBU401_16 Datasheet
213Kb / 4P
   4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU604-K TSC-GBU604-K_16 Datasheet
183Kb / 4P
   6A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBL005 TSC-GBL005_16 Datasheet
211Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU604-K TSC-GBU604-K Datasheet
183Kb / 4P
   6A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU804-K TSC-GBU804-K_16 Datasheet
187Kb / 4P
   8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
KBPF404G TSC-KBPF404G Datasheet
362Kb / 5P
   4A, 400V - 1000V Glass Passivated Bridge Rectifier
DBLS204G-T TSC-DBLS204G-T Datasheet
296Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com