Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBLS157G-T Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # DBLS157G-T
Description  1.5A, 400V - 1000V Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DBLS157G-T Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  DBLS157G-T Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DBLS157G-T Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DBLS157G-T Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DBLS157G-T Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
Note 1: "x" defines voltage from 400V (DBLS154G-T) to 1000V (DBLS157G-T)
*: Optional available
(TA=25°C unless otherwise noted)
Fig 1
Fig.2
Fig. 3.4
Fig.5
Version: C1604
DBLS157G-T
PART NO.
G
DBLS
50 / TUBE
PACKING CODE
SUFFIX
DESCRIPTION
G
Green compound
EXAMPLE P/N
PACKING CODE
PACKAGE
PACKING CODE
SUFFIX (*)
PACKAGE
PACKING
1,500 / 13" Paper reel
C1
DBLS
RD
DBLS157G-T RDG
PACKING CODE
RD
DBLS154G-T - DBLS157G-T
Taiwan Semiconductor
ORDERING INFORMATION
DBLS15xG-T
(Note 1)
RATINGS AND CHARACTERISTICS CURVES
EXAMPLE
0
0.5
1
1.5
2
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE (°C)
FIG.1 FORWARD CURRENT DERATING CURVE
Resistive or
inductive load
with heat sink
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms single half sine wave
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
T
J=25°C
T
J=125°C
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS


Similar Part No. - DBLS157G-T

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBLS157G-T TSC-DBLS157G-T Datasheet
286Kb / 4P
   1.5A, 400V - 1000V Glass Passivated Bridge Rectifiers
More results

Similar Description - DBLS157G-T

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBL154G-T TSC-DBL154G-T Datasheet
348Kb / 4P
   1.5A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS154G-T TSC-DBLS154G-T_16 Datasheet
286Kb / 4P
   1.5A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS204G-T TSC-DBLS204G-T Datasheet
296Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS204G-T TSC-DBLS204G-T_16 Datasheet
296Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
TS15P04G-K TSC-TS15P04G-K_16 Datasheet
204Kb / 4P
   15A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBL104G-T TSC-DBL104G-T Datasheet
278Kb / 4P
   1A, 400V - 1000V Glass Passivated Bridge Rectifiers
TS15P04G-K TSC-TS15P04G-K Datasheet
204Kb / 4P
   15A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBL204G-T TSC-DBL204G-T_16 Datasheet
278Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS104G-T TSC-DBLS104G-T Datasheet
294Kb / 4P
   1A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBL204G-T TSC-DBL204G-T Datasheet
278Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com