Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6709LU Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PT7M6709LU
Description  Multi-voltage Supervisor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6709LU Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PT7M6709LU Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6709LU Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6709LU Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6709LU Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7M6709LU Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7M6709LU Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7M6709LU Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7M6709LU Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7M6709LU Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0002
PT0235-2
07/05/12
6
PT7M6709/6714
Multi-voltage Supervisor
AC Electrical Characteristics
PT7M6709 (VCC = 2.0V to 5.5V, TA= -40~+85ºC, unless otherwise noted. Typical values are at VCC = 5V and TA = +25ºC)
Description
Symbol
Test Conditions
Min
Typ
Max
Unit
Propagation Delay
tPD
VIN_ falling at 10mV/µs from
VTH to (VTH - 50mV)
-
30
-
µs
VIN_ rising at 10mV/µs from
VTH to (VTH + 50mV)
-
5
-
PT7M6714 (VCC = 2.0V to 5.5V, TA= -40~+85ºC, unless otherwise noted. Typical values are at VCC = 5V and TA = +25ºC)
Description
Symbol
Test Conditions
Min
Typ
Max
Unit
Reset Timeout Period
tRP
-
140
210
280
ms
Reset Delay
tRD
VCC falling at 10mV/µs from
(VTH + 100mV) to (VTH - 100mV)
-
30
-
µs
Power-Fail
Propagation Delay
tPFD
VPFI_ falling at 10mV/µs from
VTH to (VTH - 50mV)
-
30
-
µs
VCC falling at 10mV/µs from
(VTH + 100mV) to (VTH - 100mV)
-
5
-
MR Minimum Input Pulse
-
-
1
-
-
µs
MR Glitch Rejection
-
-
-
100
-
ns
MR to RESET Delay
tMRD
-
-
200
-
ns
Fig.1 Propagation Delay of PT7M6709/6714
Fig.2 Reset Timeout Delay of PT7M6714


Similar Part No. - PT7M6709LU

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CH PERICOM-PT7M6101CH Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHC4E PERICOM-PT7M6101CHC4E Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHNE PERICOM-PT7M6101CHNE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
PT7M6101CHTAE PERICOM-PT7M6101CHTAE Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
More results

Similar Description - PT7M6709LU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP131X MICROCHIP-MCP131X Datasheet
1Mb / 44P
   Voltage Supervisor
2005
MCP1320T-25LE MICROCHIP-MCP1320T-25LE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP1320T-46KE MICROCHIP-MCP1320T-46KE Datasheet
509Kb / 44P
   Voltage Supervisor
10/05/07
MCP131X MICROCHIP-MCP131X_12 Datasheet
737Kb / 52P
   Voltage Supervisor
2005-2012 11/29/11
logo
STMicroelectronics
STM1066 STMICROELECTRONICS-STM1066 Datasheet
218Kb / 20P
   Smart voltage supervisor
logo
Aeroflex Circuit Techno...
UT01VS50L AEROFLEX-UT01VS50L Datasheet
173Kb / 15P
   UT01VS50L Voltage Supervisor
logo
Micrel Semiconductor
MIC2772 MICREL-MIC2772_05 Datasheet
233Kb / 9P
   Dual Voltage Supervisor
logo
STMicroelectronics
STM1068 STMICROELECTRONICS-STM1068 Datasheet
213Kb / 22P
   Smart voltage supervisor
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com