Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7M6101NLTAE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT7M6101NLTAE
Description  Ultra Low Voltage Detectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7M6101NLTAE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT7M6101NLTAE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7M6101NLTAE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7M6101NLTAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7M6101NLTAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7M6101NLTAE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Ultra Low Voltage Detectors
2013-11-0004
PT0260-5
12/12/13
1
PT7M6101/6102
Features
 Low/High Threshold voltage with 90mV/100mV for
PT7M6101 and 190mV/200mV for PT7M6102
Internal Reference (10mV hysteresis)
 ±10mV Threshold Voltage Accuracy Over
Temperature
 Low Power Consumption: 8μA (typical)
 Three Output Configurations
Push-Pull Active Low-- OVRI
Push-Pull Active High--- OVRI
Open-Drain Active Low--- OVRI
 Guaranteed OVRI Valid to Vcc=1.0V
 Immune to Short Negative Vcc Transients
SOT23-5LPackage are available
Pin Configuration
Description
PT7M6101/6102 series are designed for over
current
detector.
They
provide
excellent
circuit
reliability and low cost by eliminating external
components. These devices assert an OVRI signal when
the voltage at IN pin rises above the high threshold.
After IN pin declines below the low threshold, OVRI
signal is de-asserted.
PT7M6101CL/6102CL have a push-pull active-
low output. PT7M6101CH/6102CH have a push-pull
active-high output. PT7M6101NL/6102NL have an
open-drain active-low output. The open-drain active-
low output requires a pull-up resistor that can be
connected to a voltage higher than VDD.
Low
supply
current
of
8μA
makes
PT7M6101//6102 series ideal for using in battery power
supply. These devices are available in SOT23-5 lead
free packages.
Applications
 Over Current Protection in Battery Charger etc.
 Over Temperature Protection
 Power Supply
 Voltage Monitoring
Pin Description
Pin Name
I/O
Description
GND
GND
Ground
OVRI
O
Over-current Output, Push-Pull or Open-Drain, Active-Low. OVRI changes from HIGH to
LOW when IN rises above the typical high detection threshold (100mV). OVRI remains HIGH
after IN drops below the low detection threshold (90mV).
OVRI
O
Over-current Output, Push-Pull, Active-High. OVRI changes from LOW to HIGH when IN
rises above the typical high detection threshold (100mV). OVRI remains LOW after IN drops
below the low detection threshold (90mV).
IN
I
Detection Voltage Input. High-impedance input for comparator. Connect this pin to over-current
sampling network. OVRI is asserted when IN is above the high threshold voltage.
VCC
Power
Supply Voltage


Similar Part No. - PT7M6101NLTAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
PT7M6118CHC3E PERICOM-PT7M6118CHC3E Datasheet
531Kb / 11P
   Low Power Voltage Detector
PT7M6118CHC4E PERICOM-PT7M6118CHC4E Datasheet
531Kb / 11P
   Low Power Voltage Detector
PT7M6118CHEC3E PERICOM-PT7M6118CHEC3E Datasheet
531Kb / 11P
   Low Power Voltage Detector
PT7M6118CHEC4E PERICOM-PT7M6118CHEC4E Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results

Similar Description - PT7M6101NLTAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841 Datasheet
180Kb / 9P
   Ultra-Low-Voltage uP Reset Circuits and Voltage Detectors
Rev 1; 2/03
logo
Torex Semiconductor
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Maxim Integrated Produc...
MAX6841 MAXIM-MAX6841_05 Datasheet
578Kb / 9P
   Ultra-Low-Voltage 關P Reset Circuits and Voltage Detectors
Rev 2; 12/05
MAX6461 MAXIM-MAX6461_05 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
Rev 2; 12/05
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6375 MAXIM-MAX6375 Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
MAX6461 MAXIM-MAX6461 Datasheet
153Kb / 10P
   Ultra-Low-Power Voltage Detectors and UP Supervisory Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com