Electronic Components Datasheet Search |
|
PT7M1818-5 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation |
|
PT7M1818-5 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation |
2 / 6 page |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| 2014-08-0010 PT0190-7 09/11/14 2 PT7M1818/1813 Supervisory Circuit Maximum Ratings Storage Temperature ............................................................-65oC to +150oC Ambient Temperature with Power Applied.......................... -40oC to +85oC Supply Voltage to Ground Potential (Vcc to GND) ..............-0.3V to +7.0V DC Input Voltage (All inputs except Vcc and GND)......-0.3V to VCC+0.3V DC Output Current (All outputs) ..........................................................30mA Power Dissipation .......................................... 320mW (Depend on package) DC Electrical Characteristics (TA= -40~85ºC, unless otherwise noted. Typical values are at TA = +25ºC) Description Sym. Test Conditions Min Typ Max Unit Supply Voltage VCC 1.0 - 5.5 V Supply Current ICC VCC = 5.5V. No load. - - 12 µA VCC = 3.6V. No load. - - 10 µA Voltage Threshold VTH- +25C (VTH-) 0.985 VTH- (VTH-) 1.015 V -40C~85C (VTH-) 0.975 VTH- (VTH-) 1.025 V Hysteresis VHYS VTH+ - VTH- * - 50 - mV Output Driving Output low VOL IOH = 8mA, VCC = 5V - - 0.4 V IOH = 4mA, VCC = 3V - - 0.3 IOH = -50µA, VCC = 1V - - 0.09 Internal pull-up resistor Rp RST 3.75 5 6.25 k Note: VTH- is voltage threshold when VCC falls from high to low. VTH+ is voltage threshold when VCC rises from low to high. Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. |
Similar Part No. - PT7M1818-5 |
|
Similar Description - PT7M1818-5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |