Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7A7524 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT7A7524
Description  Supervisor Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7A7524 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT7A7524 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7A7524 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7A7524 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7A7524 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7A7524 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7A7524 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7A7524 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7A7524 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
μP Supervisor Circuits
2014-03-0004
PT0082-9
03/26/14
1
PT7A7511-15/7521-25/7531-35
Features
Precision supply-voltage monitor
-
4.63V (PT7A7511, 7521, 7531)
-
4.38V (PT7A7512, 7522, 7532)
-
3.08V (PT7A7513, 7523, 7533)
-
2.93V (PT7A7514, 7524, 7534)
-
2.63V (PT7A7515, 7525, 7535)
200ms reset pulse width
Debounced TTL/CMOS-compatible manual-
reset input
Independent watchdog timer 1.6sec time-out (not
available for PT7A7531 - 7535)
Reset output signal:
-
Active-low only (PT7A7511 - 7515)
-
Active-high only (PT7A7521 - 7525)
-
Active-high and active-low (PT7A7531 - 7535)
Voltage monitor for power-fail or low battery
warning
Guaranteed RESET/RESET valid at VCC=1.2V
Description
The
PT7A751X/752X/753X
family
micro-
processor (P) supervisory circuits are targeted to
improve reliability and accuracy of power-supply
circuitry in P’s systems. These devices reduce the
complexity and number of components required to
monitor power-supply and battery functions.
The main functions are:
1. Asserting reset output during power-up, power-
down and brownout conditions for P system.
2. Detecting
power
failure
or
low-battery
conditions with a 1.25V threshold detector.
3. Watchdog functions (not for PT7A753x)
Applications
Power-supply circuitry in P systems
Pin Configuration
Top View
1
2
3
4
8
7
6
5
MR
V CC
GND
PFI
WDO
RESET
WDI
PFO
PT7A7511P-7515P
PT7A7511W-7515W
8-Pin PDIP/8-Pin SOIC
1
2
3
4
8
7
6
5
MR
V CC
GND
PFI
WDO
RESET
WDI
PFO
PT7A7521P-7525P
PT7A7521W-7525W
8-Pin PDIP/8-Pin SOIC
1
2
3
4
8
7
6
5
MR
V CC
GND
PFI
RESET
RESET
NC
PFO
PT7A7531P-7535P
PT7A7531W-7535W
8-Pin PDIP/8-Pin SOIC
PT7A7511W-7515W
PT7A7521W-7525W
PT7A7531W-7535W


Similar Part No. - PT7A7524

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7A7524 PERICOM-PT7A7524 Datasheet
370Kb / 9P
   uP Supervisor Circuits
logo
Diodes Incorporated
PT7A7524 DIODES-PT7A7524 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
More results

Similar Description - PT7A7524

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7A7511-15 PERICOM-PT7A7511-15 Datasheet
370Kb / 9P
   uP Supervisor Circuits
logo
Diodes Incorporated
PT7A7511 DIODES-PT7A7511 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
logo
List of Unclassifed Man...
STC809 ETC1-STC809 Datasheet
110Kb / 13P
   UP Supervisor Circuits
STC705 ETC1-STC705 Datasheet
58Kb / 7P
   UP Supervisor Circuits
logo
Diodes Incorporated
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
logo
Alliance Semiconductor ...
ASM705 ALSC-ASM705 Datasheet
190Kb / 15P
   Low Power UP Supervisor Circuits
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin UC Supervisor Circuits
logo
ON Semiconductor
ASM705 ONSEMI-ASM705 Datasheet
180Kb / 13P
   Low Power P Supervisor Circuits
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
AS705 ALSC-AS705 Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com