Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV4051AN Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4051AN
Description  8-Channel Analog Multiplexers and Demultiplexers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4051AN Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV4051AN Datasheet HTML 1Page - Texas Instruments SN74LV4051AN Datasheet HTML 2Page - Texas Instruments SN74LV4051AN Datasheet HTML 3Page - Texas Instruments SN74LV4051AN Datasheet HTML 4Page - Texas Instruments SN74LV4051AN Datasheet HTML 5Page - Texas Instruments SN74LV4051AN Datasheet HTML 6Page - Texas Instruments SN74LV4051AN Datasheet HTML 7Page - Texas Instruments SN74LV4051AN Datasheet HTML 8Page - Texas Instruments SN74LV4051AN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
SN74LV4051A
www.ti.com
SCLS428I – MAY 1999 – REVISED SEPTEMBER 2015
6.4 Thermal Information
SN74LV4051A
THERMAL METRIC(1)
N (PDIP)
PW (TSSOP)
UNIT
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
54.8
111.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
42.1
45.3
°C/W
RθJB
Junction-to-board thermal resistance
34.8
56.9
°C/W
ψJT
Junction-to-top characterization parameter
26.9
5.4
°C/W
ψJB
Junction-to-board characterization parameter
34.7
56.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
TA = 25°C
38
180
2.3 V
TA = –40°C to 85°C
225
IT = 2 mA,
TA = 25°C
30
150
ON-state
VI = VCC or GND,
ron
3 V
Ω
switch resistance
VINH = VIL
TA = –40°C to 85°C
190
(see Figure 2)
TA = 25°C
22
75
4.5 V
TA = –40°C to 85°C
100
TA = 25°C
113
500
2.3 V
TA = –40°C to 85°C
600
IT = 2 mA,
TA = 25°C
54
180
Peak ON-state
ron(p)
VI = VCC to GND,
3 V
Ω
resistance
TA = –40°C to 85°C
225
VINH = VIL
TA = 25°C
31
100
4.5 V
TA = –40°C to 85°C
125
TA = 25°C
2.1
30
2.3 V
TA = –40°C to 85°C
40
Difference in
IT = 2 mA,
TA = 25°C
1.4
20
Δron
ON-state resistance
VI = VCC to GND,
3 V
Ω
TA = –40°C to 85°C
30
between switches
VINH = VIL
TA = 25°C
1.3
15
4.5 V
TA = –40°C to 85°C
20
TA = 25°C
±0.1
0 to
II
Control input current
VI = 5.5 V or GND
μA
5.5 V
TA = –40°C to 85°C
±1
VI = VCC and
TA = 25°C
±0.1
VO = GND, or
OFF-state switch
VI = GND and
IS(off)
5.5 V
μA
leakage current
VO = VCC,
TA = –40°C to 85°C
±1
VINH = VIH
(see Figure 3)
VI = VCC or GND,
TA = 25°C
±0.1
ON-state switch leakage
IS(on)
VINH = VIL
5.5 V
μA
current
TA = –40°C to 85°C
±1
(see Figure 4)
ICC
Supply current
VI = VCC or GND
TA = –40°C to 85°C
5.5 V
20
μA
Control input
CIC
f = 10 MHz
TA = 25°C
3.3 V
2
pF
capacitance
Common terminal
CIS
TA = 25°C
3.3 V
23.4
pF
capacitance
Switch terminal
COS
TA = 25°C
3.3 V
5.7
pF
capacitance
Feedthrough
CF
TA = 25°C
3.3 V
0.5
pF
capacitance
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LV4051A


Similar Part No. - SN74LV4051AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4051AN TI-SN74LV4051AN Datasheet
548Kb / 19P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051AN TI-SN74LV4051AN Datasheet
690Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLESERS/DEMULTIPLEXERS
SN74LV4051AN TI-SN74LV4051AN Datasheet
900Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051AN TI-SN74LV4051AN Datasheet
905Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051AN TI-SN74LV4051AN Datasheet
802Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Similar Description - SN74LV4051AN

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4051 UTC-4051_12 Datasheet
260Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4051A TI-SN54LV4051A_10 Datasheet
905Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A Datasheet
548Kb / 19P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051_07 Datasheet
164Kb / 7P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4051A_101 TI-SN54LV4051A_101 Datasheet
802Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A_08 Datasheet
900Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051 Datasheet
125Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_15 Datasheet
333Kb / 8P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_18 Datasheet
216Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com