Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3359DCURG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TS5A3359DCURG4
Description  SP3T Bidirectional Analog Switch
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3359DCURG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TS5A3359DCURG4 Datasheet HTML 5Page - Texas Instruments TS5A3359DCURG4 Datasheet HTML 6Page - Texas Instruments TS5A3359DCURG4 Datasheet HTML 7Page - Texas Instruments TS5A3359DCURG4 Datasheet HTML 8Page - Texas Instruments TS5A3359DCURG4 Datasheet HTML 9Page - Texas Instruments TS5A3359DCURG4 Datasheet HTML 10Page - Texas Instruments TS5A3359DCURG4 Datasheet HTML 11Page - Texas Instruments TS5A3359DCURG4 Datasheet HTML 12Page - Texas Instruments TS5A3359DCURG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
9
TS5A3359
www.ti.com
SCDS214E – OCTOBER 2005 – REVISED JANUARY 2016
Product Folder Links: TS5A3359
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs (SCBA004).
6.7 Electrical Characteristics for 2.5-V Supply
VCC = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
ANALOG SWITCH
Analog signal
range
VCOM, VNO
0
VCC
V
Peak ON
resistance
rpeak
0
≤ (VNO) ≤ VCC,
ICOM = –8 mA,
Switch ON,
See Figure 18
25°C
2.3 V
1.8
2.5
Full
2.7
ON-state
resistance
ron
VNO = 1.8 V,
ICOM = –8 mA,
Switch ON,
See Figure 18
25°C
2.3 V
1.5
2
Full
2.4
ON-state
resistance
match between
channels
Δron
VNO = 1.8 V,
ICOM = –8 mA,
Switch ON,
See Figure 18
25°C
2.3 V
0.2
Full
0.2
ON-state
resistance
flatness
ron(flat)
0
≤ (VNO) ≤ VCC,
ICOM = –8 mA,
Switch ON,
See Figure 18
25°C
2.3 V
0.6
VNO = 0.8 V, 1.8 V
ICOM = –8 mA,
Switch ON,
See Figure 18
25°C
0.6
1
Full
1
NO
OFF leakage
current
INO(OFF)
VNO = 0.5 V or 2.3 V,
VCOM = 0.5 V to 2.3 V,
Switch OFF,
See Figure 19
25°C
2.7 V
–15
3
15
nA
Full
–30
30
INO(PWROFF)
VNO = 0 to 2.7 V,
VCOM = 2.7 V to 0,
Switch OFF,
See Figure 19
25°C
0 V
–1
0.1
1
μA
Full
–10
10
NO
ON leakage
current
INO(ON)
VNO = 0.5 V or 2.3 V,
VCOM = Open,
Switch ON,
See Figure 19
25°C
2.7 V
–15
3
15
nA
Full
–35
35
COM
OFF leakage
current
ICOM(OFF)
VNO = 0.3 V to 2.3 V,
VCOM = 0.5 V or 2.3 V,
Switch OFF,
See Figure 19
25°C
2.7 V
–15
3
15
nA
Full
–60
60
ICOM(PWROFF)
VCOM = 0 to 2.7 V,
VNO = 2.7 V to 0,
Switch OFF,
See Figure 19
25°C
0 V
–1
0.1
1
μA
Full
–10
10
COM
ON leakage
current
ICOM(ON)
VNO = Open,
VCOM = 0.5 V or 2.2 V,
Switch ON,
See Figure 19
25°C
2.7 V
–15
3.5
15
nA
Full
–40
40
DIGITAL CONTROL INPUTS (IN1, IN2)(2)
Input logic high VIH
Full
1.8
5.5
V
Input logic low
VIL
Full
0
0.6
V
Input leakage
current
IIH, IIL
VI = 5.5 V or 0
25°C
2.7 V
1
1
nA
Full
10
10


Similar Part No. - TS5A3359DCURG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3359DCURG4 TI-TS5A3359DCURG4 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS5A3359DCURG4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA3259 FAIRCHILD-FSA3259 Datasheet
337Kb / 10P
   Dual SP3T Analog Switch
logo
ON Semiconductor
FSA3357 ONSEMI-FSA3357 Datasheet
361Kb / 13P
   Low Voltage SP3T Analog Switch
Revised August 2005
logo
Texas Instruments
TS5A3357 TI1-TS5A3357_14 Datasheet
997Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
   SP3T SWITCH
logo
RF Micro Devices
RFSW8005 RFMD-RFSW8005 Datasheet
424Kb / 6P
   SP3T Switch
logo
American Accurate Compo...
JXWBKG-T-3-10-500-A AAC-JXWBKG-T-3-10-500-A Datasheet
97Kb / 1P
   SP3T Switch
logo
RF Micro Devices
RF5570 RFMD-RF5570 Datasheet
939Kb / 9P
   SP3T Switch
logo
Spectrum Microwave, Inc...
310-021008-001 SPECTRUM-310-021008-001 Datasheet
92Kb / 1P
   SP3T SWITCH
logo
Texas Instruments
TS3A5223 TI-TS3A5223 Datasheet
871Kb / 14P
[Old version datasheet]   0.45ohm Dual SPDT Bidirectional Analog Switch
logo
Fairchild Semiconductor
FSA3357 FAIRCHILD-FSA3357 Datasheet
112Kb / 7P
   Low Voltage SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com