Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3359DCUR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3359DCUR
Description  SP3T Bidirectional Analog Switch
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3359DCUR Datasheet(HTML) 3 Page - Texas Instruments

  TS5A3359DCUR Datasheet HTML 1Page - Texas Instruments TS5A3359DCUR Datasheet HTML 2Page - Texas Instruments TS5A3359DCUR Datasheet HTML 3Page - Texas Instruments TS5A3359DCUR Datasheet HTML 4Page - Texas Instruments TS5A3359DCUR Datasheet HTML 5Page - Texas Instruments TS5A3359DCUR Datasheet HTML 6Page - Texas Instruments TS5A3359DCUR Datasheet HTML 7Page - Texas Instruments TS5A3359DCUR Datasheet HTML 8Page - Texas Instruments TS5A3359DCUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
VCC
A1
B1
C1
D1
D2
C2
B2
A2
VCC
3
TS5A3359
www.ti.com
SCDS214E – OCTOBER 2005 – REVISED JANUARY 2016
Product Folder Links: TS5A3359
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
YZP Package
8-Pin DSBGA
Bottom View
DCU Package
8-Pin US8
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DCU
YZP
NO0
1
A1
I/O
Normally open
NO1
2
B1
I/O
Normally open
NO2
3
C1
I/O
Normally open
GND
4
D1
Ground
IN2
5
D2
I
Digital control to connect COM to NO
IN1
6
C2
I
Digital control to connect COM to NO
COM
7
B2
I/O
Common
VCC
8
A2
Power supply


Similar Part No. - TS5A3359DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3359DCUR TI-TS5A3359DCUR Datasheet
292Kb / 22P
[Old version datasheet]   1-ohm SP3T ANALOG SWITCH 5-V/3.3-V SINGLE - CHANNEL 3
TS5A3359DCUR TI-TS5A3359DCUR Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359DCUR TI1-TS5A3359DCUR Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359DCURE4 TI-TS5A3359DCURE4 Datasheet
292Kb / 22P
[Old version datasheet]   1-ohm SP3T ANALOG SWITCH 5-V/3.3-V SINGLE - CHANNEL 3
TS5A3359DCURE4 TI-TS5A3359DCURE4 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS5A3359DCUR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA3259 FAIRCHILD-FSA3259 Datasheet
337Kb / 10P
   Dual SP3T Analog Switch
logo
ON Semiconductor
FSA3357 ONSEMI-FSA3357 Datasheet
361Kb / 13P
   Low Voltage SP3T Analog Switch
Revised August 2005
logo
Texas Instruments
TS5A3357 TI1-TS5A3357_14 Datasheet
997Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
   SP3T SWITCH
logo
RF Micro Devices
RFSW8005 RFMD-RFSW8005 Datasheet
424Kb / 6P
   SP3T Switch
logo
American Accurate Compo...
JXWBKG-T-3-10-500-A AAC-JXWBKG-T-3-10-500-A Datasheet
97Kb / 1P
   SP3T Switch
logo
RF Micro Devices
RF5570 RFMD-RF5570 Datasheet
939Kb / 9P
   SP3T Switch
logo
Spectrum Microwave, Inc...
310-021008-001 SPECTRUM-310-021008-001 Datasheet
92Kb / 1P
   SP3T SWITCH
logo
Texas Instruments
TS3A5223 TI-TS3A5223 Datasheet
871Kb / 14P
[Old version datasheet]   0.45ohm Dual SPDT Bidirectional Analog Switch
logo
Fairchild Semiconductor
FSA3357 FAIRCHILD-FSA3357 Datasheet
112Kb / 7P
   Low Voltage SP3T Analog Switch (3:1 Multiplexer/Demultiplexer)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com