Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT3383PWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT3383PWR
Description  10-Bit Bus-Exchange Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBT3383PWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74CBT3383PWR Datasheet HTML 7Page - Texas Instruments SN74CBT3383PWR Datasheet HTML 8Page - Texas Instruments SN74CBT3383PWR Datasheet HTML 9Page - Texas Instruments SN74CBT3383PWR Datasheet HTML 10Page - Texas Instruments SN74CBT3383PWR Datasheet HTML 11Page - Texas Instruments SN74CBT3383PWR Datasheet HTML 12Page - Texas Instruments SN74CBT3383PWR Datasheet HTML 13Page - Texas Instruments SN74CBT3383PWR Datasheet HTML 14Page - Texas Instruments SN74CBT3383PWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
WORST
BETTER
BEST
1W min.
W
SN74CBT3383, SN54CBT3383
www.ti.com
SCDS003P – NOVEMBER 1992 – REVISED DECEMBER 2015
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating listed in the
Recommended Operating Conditions table. Each VCC terminal must have a good bypass capacitor to prevent
power disturbance. For devices with a single supply, a 0.1-
μF bypass capacitor is recommended. If multiple pins
are labeled VCC, then a 0.01-μF or 0.022-μF capacitor is recommended for each VCC because the VCC pins are
tied together internally. For devices with dual-supply pins operating at different voltages, for example VCC and
VDD, a 0.1-μF bypass capacitor is recommended for each supply pin. To reject different frequencies of noise, use
multiple bypass capacitors in parallel. Capacitors with values of 0.1
μF and 1 μF are commonly used in parallel.
The bypass capacitor should be installed as close to the power terminal as possible for best results.
11 Layout
11.1 Layout Guidelines
Reflections and matching are closely related to the loop antenna theory but are different enough to be discussed
separately from the theory. When a PCB trace turns a corner at a 90° angle, a reflection can occur. A reflection
occurs primarily because of the change of width of the trace. At the apex of the turn, the trace width increases to
1.414 times the width. This increase upsets the transmission-line characteristics, especially the distributed
capacitance and self-inductance of the trace which results in the reflection. Not all PCB traces can be straight
and therefore some traces must turn corners. Figure 5 shows progressively better techniques of rounding
corners. Only the last example (BEST) maintains constant trace width and minimizes reflections.
11.2 Layout Example
Figure 5. Trace Example
Copyright © 1992–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74CBT3383 SN54CBT3383


Similar Part No. - SN74CBT3383PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3383PWR TI-SN74CBT3383PWR Datasheet
348Kb / 14P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
SN74CBT3383PWRE4 TI-SN74CBT3383PWRE4 Datasheet
348Kb / 14P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
SN74CBT3383PWRG4 TI-SN74CBT3383PWRG4 Datasheet
348Kb / 14P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
More results

Similar Description - SN74CBT3383PWR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LVX3L383 NSC-74LVX3L383 Datasheet
113Kb / 6P
   10-Bit Low Power Bus-Exchange Switch
logo
Fairchild Semiconductor
FST3383 FAIRCHILD-FST3383 Datasheet
50Kb / 5P
   10-Bit Low Power Bus-Exchange Switch
logo
Integrated Device Techn...
IDT74CBTLV3383 IDT-IDT74CBTLV3383 Datasheet
72Kb / 5P
   LOW-VOLTAGE 10-BIT BUS-EXCHANGE SWITCH
logo
National Semiconductor ...
54LVX3383 NSC-54LVX3383 Datasheet
87Kb / 6P
   10-Bit Low Power Bus-Exchange Switch
logo
Fairchild Semiconductor
FST16209 FAIRCHILD-FST16209 Datasheet
134Kb / 5P
   18-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
   24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163209 IDT-IDT74FST163209 Datasheet
82Kb / 6P
   9-BIT BUS EXCHANGE SWITCH
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
   24-BIT BUS EXCHANGE SWITCH
logo
Toshiba Semiconductor
TC7WB383FK TOSHIBA-TC7WB383FK Datasheet
111Kb / 7P
   2-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163383 IDT-IDT74FST163383 Datasheet
93Kb / 6P
   20-BIT BUS EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com