Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3A27518ERTWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A27518ERTWR
Description  6-Channel, 1:2 Multiplexer/Demultiplexer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A27518ERTWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS3A27518ERTWR Datasheet HTML 3Page - Texas Instruments TS3A27518ERTWR Datasheet HTML 4Page - Texas Instruments TS3A27518ERTWR Datasheet HTML 5Page - Texas Instruments TS3A27518ERTWR Datasheet HTML 6Page - Texas Instruments TS3A27518ERTWR Datasheet HTML 7Page - Texas Instruments TS3A27518ERTWR Datasheet HTML 8Page - Texas Instruments TS3A27518ERTWR Datasheet HTML 9Page - Texas Instruments TS3A27518ERTWR Datasheet HTML 10Page - Texas Instruments TS3A27518ERTWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
TS3A27518E
www.ti.com
SCDS260D – MARCH 2009 – REVISED MAY 2016
Product Folder Links: TS3A27518E
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Electrical Characteristics for 3.3-V Supply
(1)
(continued)
VCC = 3 V to 3.6 V, TA = –40°C to +85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
All unused digital inputs of the device must be held at VCC or GND to ensure proper device operation. See the TI application report,
Implications of Slow or Floating CMOS Inputs, SCBA004.
ICOM(ON)
COM
ON leakage
current
VCC = 3.6 V
VNC or VNO =
open,
VCOM = 1 V,
or
VNC or VNO =
open,
VCOM = 3 V
Switch ON,
see Figure 17
TA = 25°C
–2
0.03
2
μA
TA = –40°C to
+85°C
–7
7
DIGITAL CONTROL INPUTS (IN1, IN2, EN) (2)
VIH
Input logic high
VCC = 3.6 V
TA = –40°C to
+85°C
1.2
3.6
V
VIL
Input logic low
VCC = 3.6 V
TA = –40°C to
+85°C
0
0.65
V
IIH, IIL
Input leakage current
VCC = 3.6 V
VI = VCC or 0
TA = 25°C
–0.1
0.05
0.1
μA
TA = –40°C to
+85°C
–2.5
2.5
DYNAMIC
tON
Turnon time
VCC = 3.3 V
VCOM = VCC,
RL = 50 Ω
CL = 35 pF,
see Figure 19
TA = 25°C
18.1
59
ns
VCC = 3 V to
3.6 V
TA = –40°C to
+85°C
60
tOFF
Turnoff time
VCC = 3.3 V
VCOM = VCC,
RL = 50 Ω
CL = 35 pF,
see Figure 19
TA = 25°C
25.4
60.6
ns
VCC = 3 V to
3.6 V
TA = –40°C to
+85°C
61
tBBM
Break-before-
make time
VCC = 3.3 V
VNC = VNO =
VCC/2,
RL = 50 Ω
CL = 35 pF,
see Figure 20
TA = 25°C
4
11.1
22.7
ns
VCC = 3 V to
3.6 V
TA = –40°C to
+85°C
28
QC
Charge injection
VCC = 3.3 V
VGEN = 0,
RGEN = 0
CL = 0.1 nF,
see Figure 24
TA = 25°C
0.81
pC
CNC(OFF),
CNO(OFF)
NC, NO
OFF capacitance
VCC = 3.3 V
VNC or VNO =
VCC or GND,
Switch OFF
See Figure 18
TA = 25°C
13
pF
CCOM(OFF)
COM
OFF capacitance
VCC = 3.3 V
VNC or VNO =
VCC or GND,
Switch OFF
See Figure 18
TA = –40°C to
+85°C
8.5
pF
CNC(ON),
CNO(ON)
NC, NO
ON capacitance
VCC = 3.3 V
VNC or VNO =
VCC or GND,
Switch OFF
See Figure 18
21.5
pF
CCOM(ON)
COM
ON capacitance
VCC = 3.3 V
VCOM = VCC or
GND,
Switch ON
See Figure 18
21.5
pF
CI
Digital input
capacitance
VCC = 3.3 V
VI = VCC or GND
See Figure 18
2
pF
BW
Bandwidth
VCC = 3.3 V
RL = 50 Ω,
Switch ON,
see Figure 20
240
MHz
OISO
OFF isolation
VCC = 3.3 V
RL = 50 Ω,
f = 10 MHz
Switch OFF,
see Figure 22
–62
dB
XTALK
Crosstalk
VCC = 3.3 V
RL = 50 Ω,
f = 10 MHz
Switch ON,
see Figure 23
–62
dB
XTALK(ADJ)
Crosstalk adjacent
VCC = 3.3 V
RL = 50 Ω,
f = 10 MHz
Switch ON,
see Figure 23
–71
dB
THD
Total harmonic
distortion
VCC = 3.3 V
RL = 600 Ω,
CL = 50 pF
f = 20 Hz to 20 kHz,
see Figure 25
0.05%
SUPPLY
ICC
Positive
supply current
VCC = 3.6 V
VI = VCC or GND
Switch ON or OFF
TA = 25°C
0.04
0.3
μA
TA = –40°C to
+85°C
3


Similar Part No. - TS3A27518ERTWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A27518ERTWR TI-TS3A27518ERTWR Datasheet
928Kb / 26P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
More results

Similar Description - TS3A27518ERTWR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W53F TOSHIBA-TC7W53F Datasheet
318Kb / 10P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TC7PA53FU TOSHIBA-TC7PA53FU_07 Datasheet
163Kb / 8P
   2-Channel Multiplexer/Demultiplexer
TC7W53F TOSHIBA-TC7W53F_06 Datasheet
492Kb / 11P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com