Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT3244PWLE Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74CBT3244PWLE
Description  Octal FET Bus Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBT3244PWLE Datasheet(HTML) 5 Page - Texas Instruments

  SN74CBT3244PWLE Datasheet HTML 1Page - Texas Instruments SN74CBT3244PWLE Datasheet HTML 2Page - Texas Instruments SN74CBT3244PWLE Datasheet HTML 3Page - Texas Instruments SN74CBT3244PWLE Datasheet HTML 4Page - Texas Instruments SN74CBT3244PWLE Datasheet HTML 5Page - Texas Instruments SN74CBT3244PWLE Datasheet HTML 6Page - Texas Instruments SN74CBT3244PWLE Datasheet HTML 7Page - Texas Instruments SN74CBT3244PWLE Datasheet HTML 8Page - Texas Instruments SN74CBT3244PWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Temperature (GC)
-45
-30
-15
0
15
30
45
60
75
90
0.07
0.075
0.08
0.085
0.09
0.095
0.1
D001
SN74CBT3244
www.ti.com
SCDS001O – NOVEMBER 1992 – REVISED SEPTEMBER 2015
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIK
VCC = 4.5 V
II = –18 mA
–1.2
V
II
VCC = 5.5 V
VI = 5.5 V or GND
±5
µA
ICC
VCC = 5.5 V
IO = 0,
VI = VCC or GND
50
µA
Other inputs at
ΔICC
(2)
Control inputs
VCC = 5.5 V
One input at 3.4 V,
3.5
mA
VCC or GND
Ci
Control inputs
VI = 3 V or 0
3
pF
Cio(OFF)
VO = 3 V or 0
OE = VCC
6
pF
II = 64 mA
5
7
VI = 0 V
ron
(3)
VCC = 4.5 V
II = 30 mA
5
7
Ω
VI = 2.4 V
II = 15 mA
10
15
(1)
All typical values are at VCC = 5 V, TA = 25°C.
(2)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
(3)
Measured by the voltage drop between the A and the B terminals at the indicated current through the switch. On-state resistance is
determined by the lowest voltage of the two (A or B) terminals.
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
MIN
TYP
MAX
UNIT
tpd
(1)
A or B
B or A
0.25
ns
ten
OE
A or B
1
8.9
ns
tdis
OE
A or B
1
7.4
ns
(1)
This propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
6.7 Typical Characteristics
Note device variation mentioned in Electrical Characteristics
Figure 1. ICC variation With Temperature
Copyright © 1992–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74CBT3244


Similar Part No. - SN74CBT3244PWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3244PWLE TI1-SN74CBT3244PWLE Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL FET BUS SWITCH
More results

Similar Description - SN74CBT3244PWLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74CBT3244 RENESAS-HD74CBT3244 Datasheet
213Kb / 11P
   Octal FET Bus Switch
HD74CBT3245A RENESAS-HD74CBT3245A Datasheet
215Kb / 12P
   Octal FET Bus Switch
logo
Texas Instruments
SN74CBT3244DBR TI1-SN74CBT3244DBR Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3245A TI-SN74CBT3245A_10 Datasheet
850Kb / 20P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3244 TI-SN74CBT3244 Datasheet
64Kb / 4P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3245A TI-SN74CBT3245A Datasheet
519Kb / 15P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBTLV3245A TI-SN74CBTLV3245A_10 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245 TI-SN74CBTLV3245 Datasheet
79Kb / 6P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245A TI-SN74CBTLV3245A Datasheet
367Kb / 11P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com