Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT3244DGVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT3244DGVR
Description  Octal FET Bus Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBT3244DGVR Datasheet(HTML) 3 Page - Texas Instruments

  SN74CBT3244DGVR Datasheet HTML 1Page - Texas Instruments SN74CBT3244DGVR Datasheet HTML 2Page - Texas Instruments SN74CBT3244DGVR Datasheet HTML 3Page - Texas Instruments SN74CBT3244DGVR Datasheet HTML 4Page - Texas Instruments SN74CBT3244DGVR Datasheet HTML 5Page - Texas Instruments SN74CBT3244DGVR Datasheet HTML 6Page - Texas Instruments SN74CBT3244DGVR Datasheet HTML 7Page - Texas Instruments SN74CBT3244DGVR Datasheet HTML 8Page - Texas Instruments SN74CBT3244DGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
20
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
2OE
1B1
2A4
1B2
2A3
1B3
2A2
1B4
1A1
2B4
1A2
2B3
1A3
2B2
1A4
2B1
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2B4
1A2
2B3
1A3
2B2
1A4
2B1
GND
VCC
2OE
1B1
2A4
1B2
2A3
1B3
2A2
1B4
2A1
SN74CBT3244
www.ti.com
SCDS001O – NOVEMBER 1992 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
RGY Package
20-Pin VQFN
DB, DBQ, DGV, or PW Package
Top View
20-Pin SSOP, TVSOP, or TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
DB, DBQ, DGV, PW, SSOP,
NAME
TVSOP,TSSOP, VQFN
1A1
2
I/O
Transceiver I/O pin
1A2
4
I/O
Transceiver I/O pin
1A3
6
I/O
Transceiver I/O pin
1A4
8
I/O
Transceiver I/O pin
2A1
11
I/O
Transceiver I/O pin
2A2
13
I/O
Transceiver I/O pin
2A3
15
I/O
Transceiver I/O pin
2A4
17
I/O
Transceiver I/O pin
1B1
18
I/O
Transceiver I/O pin
1B2
16
I/O
Transceiver I/O pin
1B3
14
I/O
Transceiver I/O pin
1B4
12
I/O
Transceiver I/O pin
2B1
9
I/O
Transceiver I/O pin
2B2
7
I/O
Transceiver I/O pin
2B3
5
I/O
Transceiver I/O pin
2B4
3
I/O
Transceiver I/O pin
1OE
1
I
Output Enable. When high A and B are disconnected, when Low A and B are connected
2OE
19
I
Output Enable. When high A and B are disconnected, when Low A and B are connected
GND
10
Ground
VCC
20
Power pin
Copyright © 1992–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74CBT3244


Similar Part No. - SN74CBT3244DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3244DGVR TI1-SN74CBT3244DGVR Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3244DGVRE4 TI1-SN74CBT3244DGVRE4 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3244DGVRG4 TI1-SN74CBT3244DGVRG4 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL FET BUS SWITCH
More results

Similar Description - SN74CBT3244DGVR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74CBT3244 RENESAS-HD74CBT3244 Datasheet
213Kb / 11P
   Octal FET Bus Switch
HD74CBT3245A RENESAS-HD74CBT3245A Datasheet
215Kb / 12P
   Octal FET Bus Switch
logo
Texas Instruments
SN74CBT3244DBR TI1-SN74CBT3244DBR Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3245A TI-SN74CBT3245A_10 Datasheet
850Kb / 20P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3244 TI-SN74CBT3244 Datasheet
64Kb / 4P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3245A TI-SN74CBT3245A Datasheet
519Kb / 15P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBTLV3245A TI-SN74CBTLV3245A_10 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245 TI-SN74CBTLV3245 Datasheet
79Kb / 6P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245A TI-SN74CBTLV3245A Datasheet
367Kb / 11P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com