Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CB3T3245DWG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3T3245DWG4
Description  8-Bit FET Bus Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3T3245DWG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74CB3T3245DWG4 Datasheet HTML 1Page - Texas Instruments SN74CB3T3245DWG4 Datasheet HTML 2Page - Texas Instruments SN74CB3T3245DWG4 Datasheet HTML 3Page - Texas Instruments SN74CB3T3245DWG4 Datasheet HTML 4Page - Texas Instruments SN74CB3T3245DWG4 Datasheet HTML 5Page - Texas Instruments SN74CB3T3245DWG4 Datasheet HTML 6Page - Texas Instruments SN74CB3T3245DWG4 Datasheet HTML 7Page - Texas Instruments SN74CB3T3245DWG4 Datasheet HTML 8Page - Texas Instruments SN74CB3T3245DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
2
19
1
RON
SN74CB3T3245
Bus
Controller
8
Device
8
20
A1
VCC
NC
OE
0.1 2F
VCC
3
RON
A2
4
RON
A3
5
RON
A4
6
RON
A5
7
RON
A6
8
RON
A7
9
RON
A8
10
GND
18
B1
17
B2
16
B3
15
B4
14
B5
13
B6
12
B7
11
B8
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74CB3T3245
SCDS136B – OCTOBER 2003 – REVISED JUNE 2015
SN74CB3T3245 8-Bit FET Bus Switch
2.5-V and 3.3-V Low-Voltage With 5-V-Tolerant Level Shifter
1 Features
Latch-Up Performance Exceeds 250 mA
Per JESD 17
1
Standard '245-Type Pinout
ESD Performance Tested Per JESD 22
Output Voltage Translation Tracks VCC
2000-V Human-Body Model (A114-B, Class II)
Supports Mixed-Mode Signal Operation on All
1000-V Charged-Device Model (C101)
Data I/O Ports
Ideal for Low-Power Portable Equipment
5-V Input Down to 3.3-V Output Level Shift
With 3.3-V VCC
2 Applications
5-V/3.3-V Input Down to 2.5-V Output Level
Supports Digital Applications: Level Translation,
Shift With 2.5-V VCC
PCI Interface, USB Interface,
5-V-Tolerant I/Os With Device Powered Up or
Memory Interleaving, Bus Isolation
Powered Down
Bidirectional Data Flow With Near-Zero
3 Description
Propagation Delay
The SN74CB3T3245 device is a high-speed TTL-
Low ON-State Resistance (ron) Characteristics (ron
compatible 8-bit FET bus switch with low ON-state
= 5
Ω Typical)
resistance (ron), allowing for minimal propagation
Low Input/Output Capacitance Minimizes Loading
delay. The device fully supports mixed-mode signal
(Cio(OFF) = 5 pF Typical)
operation on all data I/O ports by providing voltage
translation that tracks VCC.
Data and Control Inputs Provide Undershoot
Clamp Diodes
Device Information(1)
Low Power Consumption (ICC = 40 μA Maximum)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
VCC Operating Range From 2.3 V to 3.6 V
SN74CB3T3245DBQ
SSOP (20)
8.65 mm × 3.90 mm
Data I/Os Support 0- to 5-V Signaling Levels
SN74CB3T3245DGV
TVSOP (20)
5.00 mm × 4.40 mm
(0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V)
SN74CB3T3245DW
SOIC (20)
12.80 mm × 7.50 mm
Control Inputs Can Be Driven by TTL or
SN74CB3T3245PW
TSSOP (20)
6.50 mm × 4.40 mm
5-V/3.3-V CMOS Outputs
(1) For all available packages, see the orderable addendum at
Ioff Supports Partial-Power-Down Mode Operation
the end of the data sheet.
Typical Application Functional Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74CB3T3245DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T3245DWG4 TI-SN74CB3T3245DWG4 Datasheet
356Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3245DWG4 TI-SN74CB3T3245DWG4 Datasheet
476Kb / 17P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3245DWG4 TI-SN74CB3T3245DWG4 Datasheet
512Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
More results

Similar Description - SN74CB3T3245DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3345 TI1-SN74CBT3345_16 Datasheet
1Mb / 16P
[Old version datasheet]   8-BIT FET BUS SWITCH
SN74CBT3345 TI-SN74CBT3345 Datasheet
51Kb / 4P
[Old version datasheet]   8-BIT FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT3345 RENESAS-HD74CBT3345 Datasheet
213Kb / 11P
   8-bit FET Bus Switch
logo
Texas Instruments
SN74CBT3384A TI-SN74CBT3384A_07 Datasheet
522Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16211A TI-SN74CBT16211A_07 Datasheet
452Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16210 TI-SN74CBT16210 Datasheet
66Kb / 4P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT3861 TI-SN74CBT3861 Datasheet
258Kb / 10P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT3384A TI-SN74CBT3384A_06 Datasheet
296Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT32245 TI-SN74CBT32245 Datasheet
260Kb / 8P
[Old version datasheet]   32-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com