Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CB3Q3257PW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q3257PW
Description  FET Multiplexer/Demultiplexer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3Q3257PW Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74CB3Q3257PW Datasheet HTML 6Page - Texas Instruments SN74CB3Q3257PW Datasheet HTML 7Page - Texas Instruments SN74CB3Q3257PW Datasheet HTML 8Page - Texas Instruments SN74CB3Q3257PW Datasheet HTML 9Page - Texas Instruments SN74CB3Q3257PW Datasheet HTML 10Page - Texas Instruments SN74CB3Q3257PW Datasheet HTML 11Page - Texas Instruments SN74CB3Q3257PW Datasheet HTML 12Page - Texas Instruments SN74CB3Q3257PW Datasheet HTML 13Page - Texas Instruments SN74CB3Q3257PW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
4
15
2
3
1
RON
7
5
6
RON
9
11
10
RON
12
14
13
RON
SN74CB3Q3257
Bus
Controller
4
4
Device 1
Device 2
4
16
8
GND
4A
3A
2A
1A
VCC
S
1B1
1B2
2B1
2B2
3B1
3B2
4B1
4B2
OE
0.1 2F
VCC
SN74CB3Q3257
SCDS135B – SEPTEMBER 2003 – REVISED JUNE 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SN74CB3Q3257 can be used to multiplex and demultiplex up to 4 channels simultaneously in a 2:1
configuration. The application shown here is a 4-bit bus being multiplexed between two devices. the OE and S
pins are used to control the chip from the bus controller. This is a very generic example, and could apply to many
situations. If an application requires less than 4 bits, be sure to tie the A side to either high or low on unused
channels.
9.2 Typical Application
Figure 5. Typical Application of the SN74CB3Q3257
9.2.1 Design Requirements
1. Recommended Input Conditions:
For specified high and low levels, see VIH and VIL in Recommended Operating Conditions.
Inputs and outputs are overvoltage tolerant slowing them to go as high as 4.6 V at any valid VCC.
2. Recommended Output Conditions:
Load currents should not exceed ±128 mA per channel.
3. Frequency Selection Criterion:
Maximum frequency tested is 500 MHz.
Added trace resistance/capacitance can reduce maximum frequency capability; use layout practices as
directed in Layout.
9.2.2 Detailed Design Procedure
The 0.1-µF capacitor should be place as close as possible to the device.
10
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: SN74CB3Q3257


Similar Part No. - SN74CB3Q3257PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3257PW TI-SN74CB3Q3257PW Datasheet
336Kb / 13P
[Old version datasheet]   4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
SN74CB3Q3257PW TI-SN74CB3Q3257PW Datasheet
509Kb / 17P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257PWE4 TI-SN74CB3Q3257PWE4 Datasheet
509Kb / 17P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257PWG4 TI-SN74CB3Q3257PWG4 Datasheet
509Kb / 17P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257PWR TI-SN74CB3Q3257PWR Datasheet
336Kb / 13P
[Old version datasheet]   4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
More results

Similar Description - SN74CB3Q3257PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16214 TI1-SN74CBT16214_15 Datasheet
1Mb / 22P
[Old version datasheet]   FET Multiplexer/Demultiplexer
SN74CBTLV3253 TI1-SN74CBTLV3253_15 Datasheet
1Mb / 27P
[Old version datasheet]   FET Multiplexer/Demultiplexer
SN74CBTLV3257 TI1-SN74CBTLV3257_15 Datasheet
1Mb / 28P
[Old version datasheet]   FET Multiplexer/Demultiplexer
SN74CBT3251 TI1-SN74CBT3251_15 Datasheet
1Mb / 25P
[Old version datasheet]   FET Multiplexer and Demultiplexer
SN74CBT3251 TI-SN74CBT3251 Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251 Datasheet
196Kb / 6P
   1-OF-8 FET MULTIPLEXER / DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
94Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251_15 Datasheet
224Kb / 6P
   1-OF-8 FET MULTIPLEXER DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK_07 Datasheet
171Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
TC7MB3251FT TOSHIBA-TC7MB3251FT Datasheet
130Kb / 8P
   1-of-8 FET Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com