Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CB3Q16244DGGRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # 74CB3Q16244DGGRG4
Description  16-Bit FET Bus Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74CB3Q16244DGGRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button 74CB3Q16244DGGRG4 Datasheet HTML 6Page - Texas Instruments 74CB3Q16244DGGRG4 Datasheet HTML 7Page - Texas Instruments 74CB3Q16244DGGRG4 Datasheet HTML 8Page - Texas Instruments 74CB3Q16244DGGRG4 Datasheet HTML 9Page - Texas Instruments 74CB3Q16244DGGRG4 Datasheet HTML 10Page - Texas Instruments 74CB3Q16244DGGRG4 Datasheet HTML 11Page - Texas Instruments 74CB3Q16244DGGRG4 Datasheet HTML 12Page - Texas Instruments 74CB3Q16244DGGRG4 Datasheet HTML 13Page - Texas Instruments 74CB3Q16244DGGRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SN74CB3Q16244
SCDS168A – MAY 2004 – REVISED SEPTEMBER 2015
www.ti.com
9.3 Feature Description
The SN74CB3Q16244 device has a high-bandwidth data path (up to 500 MHz) and has 5-V tolerant I/Os with the
device powered up or powered down. It also has low and flat ON-state resistance (ron) characteristics over
operating range (ron = 5 Ω Typical)
This device also has rail-to-rail switching on data I/O ports for 0 to 5-V switching with 3.3-V VCC and 0 to 3.3-V
switching with 2.5-V VCCas well as bidirectional data flow with near-zero propagation delay and low input and
output capacitance that minimizes loading and signal distortion (Cio(OFF) = 4 pF Typical)
The SN74CB3Q16244 also provides a fast switching frequency (fOE = 20 MHz Maximum) with data and control
inputs that provide undershoot clamp diodes as well as low power consumption (ICC = 1 mA Typical)
The VCC operating range is from 2.3 V to 3.6 V and the data I/Os support 0 to 5-V signal levels of (0.8-V, 1.2-V,
1.5-V, 1.8-V, 2.5-V, 3.3-V, 5-V)
The control inputs can be driven by TTL or 5-V and 3.3-V CMOS outputs, and Ioff supports partial-power-down
mode operation.
9.4 Device Functional Modes
Table 1 lists the functional modes of the SN74CB3Q16244.
Table 1. Function Table
(Each Multiplexer/Demultiplexer)
INPUT
INPUT/OUTPUT
FUNCTION
OE
A
L
B
A port = B port
H
Z
Disconnect
10
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74CB3Q16244


Similar Part No. - 74CB3Q16244DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CB3Q16244DGGRG4 TI-74CB3Q16244DGGRG4 Datasheet
358Kb / 15P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

Similar Description - 74CB3Q16244DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245_06 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI1-SN74CBT16245_09 Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245_07 Datasheet
304Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390_07 Datasheet
303Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
logo
Integrated Device Techn...
IDT74FST163245 IDT-IDT74FST163245 Datasheet
85Kb / 6P
   16-BIT BUS SWITCH
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245 Datasheet
182Kb / 4P
   16-Bit Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com