Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF13A-12S-1.25H Datasheet(PDF) 11 Page - Hirose Electric

Part # DF13A-12S-1.25H
Description  1.25mm Pitch Miniature Crimping Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF13A-12S-1.25H Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF13A-12S-1.25H Datasheet HTML 3Page - Hirose Electric DF13A-12S-1.25H Datasheet HTML 4Page - Hirose Electric DF13A-12S-1.25H Datasheet HTML 5Page - Hirose Electric DF13A-12S-1.25H Datasheet HTML 6Page - Hirose Electric DF13A-12S-1.25H Datasheet HTML 7Page - Hirose Electric DF13A-12S-1.25H Datasheet HTML 8Page - Hirose Electric DF13A-12S-1.25H Datasheet HTML 9Page - Hirose Electric DF13A-12S-1.25H Datasheet HTML 10Page - Hirose Electric DF13A-12S-1.25H Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
B193
BPrecautions
1. Recommended Temperature
Profile (SMT)
Note 1.This process is allowed up to twice under the same condition.
However, the interval between the first and second processes must be maintained at
the room temperature.
Note 2.The temperature indicates the board surface temperature in the connector lead area.
2. Recommended Soldering
Condition (SMT)
Manual soldering: 290ç for 2 seconds
3. Recommended Screen
Thickness (SMT)
0.15 to 0.2mm
4. Board Warpage (SMT)
Max 0.03mm in the connector center area, based on both connector edges
5. Recommended Soldering
Flow: 250ç for 3 seconds
5. Condition (Through hole)
Manual soldering: 290ç for 2 seconds
6. Cleaning Condition
Refer to Nylon Connector Use Hand book.
7. Connection Condition
Refer to Nylon Connector Use Hand book.
sCarefully carry out the crimping operation according to "Crimping Condition Sheet" and
"Crimping Quality Standard", because the crimping contact is an extremely small style.
8. Cautions
sBe careful for the excessive scoop insertion/extraction, which will cause damage to the
product.


Similar Part No. - DF13A-12S-1.25H

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
DF13-10DS-1.25C HIROSE-DF13-10DS-1.25C Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
DF13-10P-1.25DS(20) HIROSE-DF13-10P-1.25DS(20) Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 17 DF13-10P-1.25DSA(**) ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com