Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFP4000-F4NMB Datasheet(PDF) 5 Page - SICK AG

Part # LFP4000-F4NMB
Description  LEVEL SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LFP4000-F4NMB Datasheet(HTML) 5 Page - SICK AG

  LFP4000-F4NMB Datasheet HTML 1Page - SICK AG LFP4000-F4NMB Datasheet HTML 2Page - SICK AG LFP4000-F4NMB Datasheet HTML 3Page - SICK AG LFP4000-F4NMB Datasheet HTML 4Page - SICK AG LFP4000-F4NMB Datasheet HTML 5Page - SICK AG LFP4000-F4NMB Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LFP4000-F4NMB | LFP Cubic
LEVEL SENSORS
2014-09-01 16:17:51 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
5
Instruction for installation
Rope probe mounted in metal tank
Installation in nozzle:
D ≥ DN 25 (1")
Distance tank wall/tank bottom:
A ≥ 50 mm (1.97")
Distance to other tank fittings:
≥ 100mm (3.94")
Holder cable fixation
Cable weight
Mono rod probe mounted in metal tank
M = Measuring range
X = Inactive area at probe end
No measurement possible
Recommended accessories
Other models and accessories
www.sick.de/LFP_Cubic
Brief description
Model name
Part no.
Mounting brackets and mounting plates
Monting ring for rope fixing, material PTFE, PTFE
BEF-CC-LF-
PHSS-0001
2074575
Modules and gateways
Number of IO-Link ports: 4; Communication mode: COM1/COM2/COM3; Switching in-
put: PNP; Supply voltage Vs, IO-Link ports: DC 24 V; Current loading: 800 mA; Data
transmission rate: Max. 12 MBaud, Autobaud; Address space occupation: 1 bis 126;
Connection type: Connector M12; Connection type, IO-Link ports: Connector M12, 5-
pin; Suppyl voltage Vs, module: DC 18 ... 30 V; Power consumption: Typ. 75 mA / max.
100 mA (at UL with DC 24 V), Typ. 25 mA + sensor current / max. 800 mA (at Us with
DC 24 V)
IOLSHPB-P3104R01
6039728


Similar Part No. - LFP4000-F4NMB

ManufacturerPart #DatasheetDescription
logo
SICK AG
LFP4000-E4BMB SICK-LFP4000-E4BMB Datasheet
221Kb / 4P
   LEVEL SENSORS
LFP4000-E4NMB SICK-LFP4000-E4NMB Datasheet
254Kb / 4P
   LEVEL SENSORS
LFP4000-G1BMB SICK-LFP4000-G1BMB Datasheet
312Kb / 4P
   LEVEL SENSORS
LFP4000-G1NMB SICK-LFP4000-G1NMB Datasheet
264Kb / 4P
   LEVEL SENSORS
More results

Similar Description - LFP4000-F4NMB

ManufacturerPart #DatasheetDescription
logo
SICK AG
LFV200-XATNACPV SICK-LFV200-XATNACPV Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XATNATPML SICK-LFV200-XATNATPML Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XXHCLCPM SICK-LFV200-XXHCLCPM Datasheet
288Kb / 4P
   LEVEL SENSORS
LBV310-XXAGDR8NX SICK-LBV310-XXAGDR8NX Datasheet
466Kb / 6P
   LEVEL SENSORS
LBV310-XXANDRKNX SICK-LBV310-XXANDRKNX Datasheet
483Kb / 6P
   LEVEL SENSORS
LBV310-XXANDTKMX SICK-LBV310-XXANDTKMX Datasheet
484Kb / 6P
   LEVEL SENSORS
LFV310-XXCAPX8RX SICK-LFV310-XXCAPX8RX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGAVXPRX SICK-LFV310-XXGAVXPRX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVTPCX SICK-LFV310-XXGBVTPCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVXMCX SICK-LFV310-XXGBVXMCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV330-CAADVTMN0250 SICK-LFV330-CAADVTMN0250 Datasheet
1Mb / 7P
   LEVEL SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com