Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1057086 Datasheet(PDF) 2 Page - SICK AG

Part # 1057086
Description  LEVEL SENSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1057086 Datasheet(HTML) 2 Page - SICK AG

  1057086 Datasheet HTML 1Page - SICK AG 1057086 Datasheet HTML 2Page - SICK AG 1057086 Datasheet HTML 3Page - SICK AG 1057086 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LFP1500-A4NMB | LFP Cubic
LEVEL SENSORS
Illustration may differ
Ordering information
Type
Part no.
LFP1500-A4NMB
1057086
Other models and accessories
www.sick.com/LFP_Cubic
Detailed technical data
Features
Medium
Fluids
Measurement
Switch, Continuous
Design
Standard
Probe type
Mono rod probe
Probe length
1,500 mm
Process pressure
–1 bar ... 10 bar
Process temperature
–20 °C ... +100 °C
GOST approval
RoHS certificate
IO-Link
CULus certificate
Performance
Accuracy of sensor element
± 5 mm 1)
Repeatability
≤ 2 mm
Resolution
< 2 mm
Response time
< 400 ms
Dielectricity constant
≥ 5 for mono rod probe / rope probe
≥ 1.8 with coaxial tube
Conductivity
No limitation
Maximum level change
≤ 500 mm/s
Deactivated area at end of probe
10 mm 1)
1) With water under reference conditions.
2
FLUID SENSORS | SICK
Online data sheet | 2016-05-11 15:58:08
Subject to change without notice


Similar Part No. - 1057086

ManufacturerPart #DatasheetDescription
logo
SICK AG
1057080 SICK-1057080 Datasheet
211Kb / 4P
   LEVEL SENSORS
1057081 SICK-1057081 Datasheet
211Kb / 4P
   LEVEL SENSORS
1057082 SICK-1057082 Datasheet
211Kb / 4P
   LEVEL SENSORS
1057083 SICK-1057083 Datasheet
211Kb / 4P
   LEVEL SENSORS
1057084 SICK-1057084 Datasheet
211Kb / 4P
   LEVEL SENSORS
More results

Similar Description - 1057086

ManufacturerPart #DatasheetDescription
logo
SICK AG
LFV200-XATNACPV SICK-LFV200-XATNACPV Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XATNATPML SICK-LFV200-XATNATPML Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XXHCLCPM SICK-LFV200-XXHCLCPM Datasheet
288Kb / 4P
   LEVEL SENSORS
LBV310-XXAGDR8NX SICK-LBV310-XXAGDR8NX Datasheet
466Kb / 6P
   LEVEL SENSORS
LBV310-XXANDRKNX SICK-LBV310-XXANDRKNX Datasheet
483Kb / 6P
   LEVEL SENSORS
LBV310-XXANDTKMX SICK-LBV310-XXANDTKMX Datasheet
484Kb / 6P
   LEVEL SENSORS
LFV310-XXCAPX8RX SICK-LFV310-XXCAPX8RX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGAVXPRX SICK-LFV310-XXGAVXPRX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVTPCX SICK-LFV310-XXGBVTPCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVXMCX SICK-LFV310-XXGBVXMCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV330-CAADVTMN0250 SICK-LFV330-CAADVTMN0250 Datasheet
1Mb / 7P
   LEVEL SENSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com