Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2TVS80A Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # F2TVS80A
Description  Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

F2TVS80A Datasheet(HTML) 2 Page - Nanjing International Group Co

  F2TVS80A Datasheet HTML 1Page - Nanjing International Group Co F2TVS80A Datasheet HTML 2Page - Nanjing International Group Co F2TVS80A Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
F2TVS5.0A
5
6.4
7.07
10
800
9.2
21.7
F2TVS6.0A
6
6.67
7.37
10
800
10.3
19.4
F2TVS6.5A
6.5
7.22
7.98
10
500
11.2
17.9
F2TVS7.0A
7
7.78
8.6
10
200
12
16.7
F2TVS7.5A
7.5
8.33
9.21
1
100
12.9
15.5
F2TVS7.5A
7.5
8.33
9.21
1
100
12.9
15.5
F2TVS8.0A
8
8.89
9.83
1
50
13.6
14.7
F2TVS8.5A
8.5
9.44
10.4
1
10
14.4
13.9
F2TVS9.0A
9
10
11.1
1
5
15.4
13
F2TVS10A
10
11.1
12.3
1
5
17
11.8
F2TVS11A
11
12.2
13.5
1
5
18.2
11
F2TVS12A
12
13.3
14.7
1
5
19.9
10.1
F2TVS13A
13
14.4
15.9
1
5
21.5
9.3
F2TVS13A
13
14.4
15.9
1
5
21.5
9.3
F2TVS14A
14
15.6
17.2
1
5
23.2
8.62
F2TVS15A
15
16.7
18.5
1
5
24.4
8.2
F2TVS16A
16
17.8
19.7
1
5
26
7.69
F2TVS17A
17
18.9
20.9
1
5
27.6
7.25
F2TVS18A
18
20
22.1
1
5
29.2
6.85
F2TVS19A
19
21.1
23.3
1
5
30.6
6.54
F2TVS20A
20
22.2
24.5
1
5
32.4
6.17
F2TVS20A
20
22.2
24.5
1
5
32.4
6.17
F2TVS22A
22
24.4
26.9
1
5
35.5
5.63
F2TVS24A
24
26.7
29.5
1
5
38.9
5.14
F2TVS26A
26
28.9
31.9
1
5
42.1
4.75
F2TVS28A
28
31.1
34.4
1
5
45.4
4.41
F2TVS30A
30
33.3
36.8
1
5
48.4
4.13
F2TVS33A
33
36.7
40.6
1
5
53.3
3.75
F2TVS36A
36
40
44.2
1
5
58.1
3.44
F2TVS36A
36
40
44.2
1
5
58.1
3.44
F2TVS40A
40
44.4
49.1
1
5
64.5
3.1
F2TVS43A
43
47.8
52.8
1
5
69.4
2.88
F2TVS45A
45
50
55.3
1
5
72.7
2.75
F2TVS48A
48
53.3
58.9
1
5
77.4
2.58
F2TVS51A
51
56.7
62.7
1
5
82.4
2.43
F2TVS54A
54
60
66.3
1
5
87.1
2.3
F2TVS58A
58
64.4
71.2
1
5
93.6
2.14
F2TVS58A
58
64.4
71.2
1
5
93.6
2.14
F2TVS60A
60
66.7
73.7
1
5
96.8
2.07
F2TVS64A
64
71.1
78.6
1
5
103
1.94
F2TVS70A
70
77.8
86
1
5
113
1.77
F2TVS75A
75
83.3
92.1
1
5
121
1.65
F2TVS5.0A thru F2TVS190A
Surface Mount Transient Voltage Suppressors
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
2
www.dgnjdz.com


Similar Part No. - F2TVS80A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
F2TVS80A GOOD-ARK-F2TVS80A Datasheet
206Kb / 5P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - F2TVS80A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L2TVS10.0A GOOD-ARK-L2TVS10.0A_15 Datasheet
195Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
F2TVS5.0A GOOD-ARK-F2TVS5.0A_15 Datasheet
206Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
L4TVS10A GOOD-ARK-L4TVS10A_15 Datasheet
226Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 10 to 190V
SMCJ5.0 GOOD-ARK-SMCJ5.0_15 Datasheet
204Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Stand-off Voltage 5.0 to 440V
logo
First Silicon Co., Ltd
SMDJXX FS-SMDJXX Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
E-CMOS Corporation
EC76SMAJXX E-CMOS-EC76SMAJXX Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
logo
GOOD-ARK Electronics
SMAJ5.0 GOOD-ARK-SMAJ5.0_15 Datasheet
240Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand Off Voltage 5.0 to 440V
SMBJ5.0 GOOD-ARK-SMBJ5.0_15 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 600W Stand-off Voltage 5.0 to 440V
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com