Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2TVS60A Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # F2TVS60A
Description  Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

F2TVS60A Datasheet(HTML) 1 Page - Nanjing International Group Co

  F2TVS60A Datasheet HTML 1Page - Nanjing International Group Co F2TVS60A Datasheet HTML 2Page - Nanjing International Group Co F2TVS60A Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
F2TVS5.0A thru F2TVS190A
Surface Mount Transient Voltage Suppressors
Features
• Glass passivated junction
• Excellent clamping capability and Fast response time
• 200W peak pulse power capability with a 10/1000us waveform
• Moisture sensitivity: level 1, per J-STD-020
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
y
, p
• Solder dip 260 °C, 10 s
• Low profile
typical thickness 1.0mm
Typical Applications
eSGA
Maximum Ratings and Thermal Characteristics
Use in sensitive electronics protection against voltage transients induced by inductive load switching and
lighting on Ics,MOSFET,signal lines of sensor units for consumer,computer,industrial and telecommunication
Maximum Ratings and Thermal Characteristics
(TA = 25 °C unless otherwise noted)
PPPM
Minimum 200
W
Peak pulse current with a 10/1000us
waveform
IPPM
See Next Table
A
Peak power dissipation with a 10/1000us
waveform
PARAMETER
SYMBOL
Value
UNIT
waveform
Steady state power dissipation on infinite
heatsink
PM(AV)
1
W
Peak forward surge current,8.3ms single
half sine-wave
IFSM
30.0
A
Maximum instantaneous forward voltage
at 25A
VF
3.5
V
Thermal resistance junction to ambient
Thermal resistance junction to ambient
air
Rthja
90
/W
Operating junction and storage
temperature range
TJ, TSTG
-65 to +175
1
• Unidirectional configurations
www.dgnjdz.com


Similar Part No. - F2TVS60A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
F2TVS60A GOOD-ARK-F2TVS60A Datasheet
206Kb / 5P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - F2TVS60A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L2TVS10.0A GOOD-ARK-L2TVS10.0A_15 Datasheet
195Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
F2TVS5.0A GOOD-ARK-F2TVS5.0A_15 Datasheet
206Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
L4TVS10A GOOD-ARK-L4TVS10A_15 Datasheet
226Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 10 to 190V
SMCJ5.0 GOOD-ARK-SMCJ5.0_15 Datasheet
204Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Stand-off Voltage 5.0 to 440V
logo
First Silicon Co., Ltd
SMDJXX FS-SMDJXX Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
E-CMOS Corporation
EC76SMAJXX E-CMOS-EC76SMAJXX Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
logo
GOOD-ARK Electronics
SMAJ5.0 GOOD-ARK-SMAJ5.0_15 Datasheet
240Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand Off Voltage 5.0 to 440V
SMBJ5.0 GOOD-ARK-SMBJ5.0_15 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 600W Stand-off Voltage 5.0 to 440V
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com