Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


W.FL-LP-04N1-A-L Datasheet(PDF) 3 Page - Hirose Electric

Part No. W.FL-LP-04N1-A-L
Description  Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 3 page
background image
(L)(mm)
Standard Tolerance (mm)
3
sHow to Specify Cable Assembly
q Ordering Information
q Standard tolerances for (L)**
L(mm)
Double-ended cable assembly
L(mm)
Single-ended cable assembly
sReceptacle
0.3
0.85
0.25
0.3
2
1.7
SIGNAL TERMINAL
GND
BRecommended PCB Mounting Pattern
GND
No conductive traces in this area
2.6
1.4
0.5
SIGNAL
TERMINAL
PAD
Series name
Assembly type
Cable type
Cable color
Total length (mm)
W.FL
LP2: Single ended
2LP: Double ended
04N: 0.81mm dia. ultra-fine coaxial cable
1: White, 2: Black
Length (L)
1
2
3
4
5
*L=35 to 200
±4
L=200 to 500
±8
L=500 to 1000
±12
L=1000 /
±1.5% of (L)
Part Number
CL No.
Packaging
331-0482-6-10
Reel packaging (2000 pieces/reel)
W.FL-R-SMT-1(10)
Weight / EA
5.6 mg
--
--
--
-- (L)
A
[[ ]]
04N
2LP
W.FL
1
2
3
4
5
*Minimum available length (L) is 35mm
**Contact nearest HRS representative if different
tolerances are required.
***Contact Nearest HRS representative if one end
requires preparation.
Recommended screen thickness: 0.1mm to 0.12mm
***




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
U.FL-R-SMTUltra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height 1 2 3 4 5 MoreHirose Electric
IL205ASMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
MOC256AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
BC856APNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR 1 2 3 Diodes Incorporated
DDC124EKNPN PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR 1 2 3 4 5 Diodes Incorporated
DDTA123EKAPNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
DDTC123EKANPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
MMBT4403PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
MMDT4403DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
MMSTA05NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 Diodes Incorporated

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl