Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS3729B Datasheet(PDF) 9 Page - ams AG

Part # AS3729B
Description  Support for single or dual phase operation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3729B Datasheet(HTML) 9 Page - ams AG

Back Button AS3729B Datasheet HTML 5Page - ams AG AS3729B Datasheet HTML 6Page - ams AG AS3729B Datasheet HTML 7Page - ams AG AS3729B Datasheet HTML 8Page - ams AG AS3729B Datasheet HTML 9Page - ams AG AS3729B Datasheet HTML 10Page - ams AG AS3729B Datasheet HTML 11Page - ams AG AS3729B Datasheet HTML 12Page - ams AG AS3729B Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ams Datasheet
Page 9
[v1-03] 2015-Sep-28
Document Feedback
AS3729B − Application Information
Figure 11:
Typical Application Circuit
AS3729B Typical Application: This figure shows the connection of the DC/DC controller and the AS3729B Power
Stage.
External Components
Figure 12:
Step Down DC/DC Power Stage External Components
External Components: Shows the recommended values of the needed external components of the Step Down
DC/DC Power Stage
Symbol
Parameter
Note
Min
Typ
Max
Unit
External Components per Phase
CFB
Output Capacitor
Ceramic X5R or X7R, high
performance
64
82
μF
Ceramic X5R or X7R, cost
optimized
32
47
μF
CVSUP
Input Capacitor
Ceramic X5R or X7R
6
10
μF
LInductor
5A rated, 1.3MHz operation,
low RON
0.5
1
μH
Application Information
VSUP
TEMP
CTRL1
CTRL2
LX2
LX1
PVSS
PVSS
1uH
1uH
FB_SDx
Vout (0.6-1.5V@8A)
DVM, 10mV steps
47uF
VSUP
10uF
10uF
47uF
AS3729B
DC/DC
0.6 – 1.5V
8A
1.3MHz
FB_SDx
CTRL2_SDx
CTRL1_SDx
TEMP_SDx


Similar Part No. - AS3729B

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3729 AMSCO-AS3729 Datasheet
468Kb / 19P
   5A Power Stage
AS3729-BWLM AMSCO-AS3729-BWLM Datasheet
468Kb / 19P
   5A Power Stage
AS3729-BWLT AMSCO-AS3729-BWLT Datasheet
468Kb / 19P
   5A Power Stage
More results

Similar Description - AS3729B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC372CDRG4 TI1-TLC372CDRG4 Datasheet
1Mb / 26P
[Old version datasheet]   Single or Dual-Supply Operation
logo
Maxim Integrated Produc...
MAX41400EVKIT MAXIM-MAX41400EVKIT Datasheet
398Kb / 7P
   Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
logo
Semtech Corporation
SC2446A SEMTECH-SC2446A Datasheet
525Kb / 27P
   Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
SC2447 SEMTECH-SC2447 Datasheet
755Kb / 26P
   Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
logo
National Semiconductor ...
CLC427 NSC-CLC427 Datasheet
130Kb / 8P
   Dual Voltage Feedback Amplifier for Single Supply Operation
logo
Vicor Corporation
VI-FPE6 VICOR-VI-FPE6 Datasheet
96Kb / 2P
   Single or Three Phase Strappable
logo
Semtech Corporation
SC2446 SEMTECH-SC2446 Datasheet
803Kb / 38P
   Dual-Phase Single or Two Output Synchronous Step-Down Controllers
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
SC2443 SEMTECH-SC2443 Datasheet
1Mb / 20P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
logo
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com