Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


W.FL-LP-04N2-A Datasheet(PDF) 6 Page - Hirose Electric

Part No. W.FL-LP-04N2-A
Description  Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 6 page
background image
(1) Mating/ un-mating
(2) Cable handling
(3) Precautions
1) Mating.
1) Both parts must be aligned on the axis to mate correct. Press down firmly. A tactile “click” will confirm fully
mated condition.
2) Un-mating.
1) Fully insert the tool under the plug’s flanges as shown.
1) Apply even force upward until the plug is free.
Do not twist, apply excessive forces or sharp bends to the cable.
Do NOT forcefully twist or deform wires.
6
sUsage Precautions
1. Plugs
2. Receptacles
W.FL-LP-040
Cable Assembly
W.FL-R-SMT-1
2N max
×
×
Preheating (130ç to 165ç)
Within 2 minutes
40 to 50 seconds
Time
80
100
120
140
160
180
200
220
240
260
Peak temperature and time
240ç 3 seconds
183ç
[ç]
W.FL Cable
Assembly
W.FL-R-SMT-1
W.FL-LP-N plug extraction tool
The contents of this catalog are current as of date of publication. Contents are subject to change without notice for the purpose of improvements.
(1) Recommended soldering
temperature profile
(2) Recommended screen thickness
0.1 to 0.12 mm
1) The temperature profile indicates the board surface temperature at the point of contacts with the connector
terminals.
2) The temperature may vary, depending on the board size, the solder paste type and thickness.
Receptacle
The contents of this catalog are current as of date of publication. Contents are subject to change without notice for the purpose of improvements.
5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN
PHONE: 81-3-3491-9741, FAX: 81-3-3493-2933
http://www.hirose.com
http://www.hirose-connectors.com
®




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
U.FL-R-SMTUltra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height 1 2 3 4 5 MoreHirose Electric
IL205ASMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
MOC256AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
BC856APNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR 1 2 3 Diodes Incorporated
DDC124EKNPN PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR 1 2 3 4 5 Diodes Incorporated
DDTA123EKAPNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
DDTC123EKANPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
MMBT4403PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
MMDT4403DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
MMSTA05NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 Diodes Incorporated

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl