Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCN11F-78S-2.54WB-2 Datasheet(PDF) 9 Page - Hirose Electric

Part # PCN11F-78S-2.54WB-2
Description  PCN10F Series (Product Compliant with DIN Standard: Coaxial and High Current Contact Composite Type)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN11F-78S-2.54WB-2 Datasheet(HTML) 9 Page - Hirose Electric

Back Button PCN11F-78S-2.54WB-2 Datasheet HTML 2Page - Hirose Electric PCN11F-78S-2.54WB-2 Datasheet HTML 3Page - Hirose Electric PCN11F-78S-2.54WB-2 Datasheet HTML 4Page - Hirose Electric PCN11F-78S-2.54WB-2 Datasheet HTML 5Page - Hirose Electric PCN11F-78S-2.54WB-2 Datasheet HTML 6Page - Hirose Electric PCN11F-78S-2.54WB-2 Datasheet HTML 7Page - Hirose Electric PCN11F-78S-2.54WB-2 Datasheet HTML 8Page - Hirose Electric PCN11F-78S-2.54WB-2 Datasheet HTML 9Page - Hirose Electric PCN11F-78S-2.54WB-2 Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
A79
BPCB mounting pattern
BPCB mounting pattern
BArea A dimensions
PCN10F-60S-2.54DSA
CL583-0305-6
PCN10F-78S-2.54DSA
CL583-0323-8
qCoaxial connector (PO51-P-1.5-1A)
High current contact
(Power contact 10S, 20S)
qCoaxial connector
(PO51-LP-1.5-A)
BArea A dimensions
qCoaxial connector (PO51-P-1.5-1A)
High current contact
(Power contact 10S, 20S)
qCoaxial connector
(PO51-LP-1.5-A)


Similar Part No. - PCN11F-78S-2.54WB-2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN11 HIROSE-PCN11 Datasheet
773Kb / 20P
   Product Compliant with DIN Standard: Solderless Connection Type
PCN11-010P-2.54BP-2 HIROSE-PCN11-010P-2.54BP-2 Datasheet
739Kb / 10P
   PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type)
PCN11-010P-2.54BP-2 HIROSE-PCN11-010P-2.54BP-2 Datasheet
773Kb / 20P
   Product Compliant with DIN Standard: Solderless Connection Type
PCN11-010S-2.54PFB-2 HIROSE-PCN11-010S-2.54PFB-2 Datasheet
739Kb / 10P
   PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type)
PCN11-010S-2.54PFB-2 HIROSE-PCN11-010S-2.54PFB-2 Datasheet
773Kb / 20P
   Product Compliant with DIN Standard: Solderless Connection Type
More results

Similar Description - PCN11F-78S-2.54WB-2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN11 HIROSE-PCN11 Datasheet
773Kb / 20P
   Product Compliant with DIN Standard: Solderless Connection Type
PCN11-20P-2.54H-2 HIROSE-PCN11-20P-2.54H-2 Datasheet
739Kb / 10P
   PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type)
PCN12 HIROSE-PCN12 Datasheet
1Mb / 19P
   PCN10, 12, 13 Series (Product Compliant to DIN Standard: through hole,Wrapping Type)
PCN13 HIROSE-PCN13 Datasheet
1Mb / 16P
   PCN10, 12, 13 Series (Product Compliant to DIN Standard: through hole,Wrapping Type)
logo
Pulse A Technitrol Comp...
PA5006.XXXNLT PULSE-PA5006.XXXNLT Datasheet
839Kb / 4P
   High Current Composite Inductor
PA5433.XXXNLT PULSE-PA5433.XXXNLT Datasheet
984Kb / 5P
   High Current Composite Inductor
PA5430.XXXNLT PULSE-PA5430.XXXNLT Datasheet
443Kb / 2P
   High Current Composite Inductor
PA5001.XXXNLT PULSE-PA5001.XXXNLT Datasheet
929Kb / 5P
   High Current Composite Inductor
PA5003.XXXNLT PULSE-PA5003.XXXNLT Datasheet
1Mb / 5P
   High Current Composite Inductor
PA5004.XXXNLT PULSE-PA5004.XXXNLT Datasheet
1,019Kb / 5P
   High Current Composite Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com