Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCN11A-10P-2.54BP-2 Datasheet(PDF) 6 Page - Hirose Electric

Part # PCN11A-10P-2.54BP-2
Description  PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN11A-10P-2.54BP-2 Datasheet(HTML) 6 Page - Hirose Electric

Back Button PCN11A-10P-2.54BP-2 Datasheet HTML 2Page - Hirose Electric PCN11A-10P-2.54BP-2 Datasheet HTML 3Page - Hirose Electric PCN11A-10P-2.54BP-2 Datasheet HTML 4Page - Hirose Electric PCN11A-10P-2.54BP-2 Datasheet HTML 5Page - Hirose Electric PCN11A-10P-2.54BP-2 Datasheet HTML 6Page - Hirose Electric PCN11A-10P-2.54BP-2 Datasheet HTML 7Page - Hirose Electric PCN11A-10P-2.54BP-2 Datasheet HTML 8Page - Hirose Electric PCN11A-10P-2.54BP-2 Datasheet HTML 9Page - Hirose Electric PCN11A-10P-2.54BP-2 Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
A91
qKey Header
(Board thickness: 2.4mm)
PCN11(A)-*P-2.54KH
<Connectors to correspond to PCN11(A)-*P-2.54KH are HIF3BA-*D-2.54R, HIF3BA-*D-2.54C and HIF3C-*D-2.54C.>
CL No.
Part Number
583-1000-4
583-1001-7
583-1002-0
583-1003-2
583-1004-5
583-1005-8
583-1006-0
583-1007-3
583-1008-6
583-1034-6
583-1009-9
583-1035-9
583-1010-8
583-1036-1
PCN11A-10P-2.54KH
PCN11A-14P-2.54KH
PCN11A-16P-2.54KH
PCN11A-20P-2.54KH
PCN11A-26P-2.54KH
PCN11A-30P-2.54KH
PCN11A-34P-2.54KH
PCN11A-40P-2.54KH
PCN11A-50P-2.54KH
PCN11A-50P-2.54KH
PCN11A-60P-2.54KH
PCN11A-60P-2.54KH
PCN11A-64P-2.54KH
PCN11A-64P-2.54KH
Number of Contacts
10
14
16
20
26
30
34
40
50
50
60
60
64
64
A
19.36
24.44
26.98
32.06
39.66
44.76
49.86
57.46
70.16
70.16
82.86
82.86
87.96
87.96
B
17.5
22.58
25.12
30.2
37.8
42.9
48
55.6
68.3
68.3
81
81
86.1
86.1
C
10.16
15.24
17.78
22.86
30.48
35.56
40.64
48.26
60.96
60.96
73.66
73.66
78.74
78.74
D
4.1
4.1
4.1
4.1
4.1
4.1
4.1
4.1
26.96
4.1
26.96
4.1
26.96
4.1
Unit:mm


Similar Part No. - PCN11A-10P-2.54BP-2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN11A-10P-2.54BP-2 HIROSE-PCN11A-10P-2.54BP-2 Datasheet
773Kb / 20P
   Product Compliant with DIN Standard: Solderless Connection Type
More results

Similar Description - PCN11A-10P-2.54BP-2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN11 HIROSE-PCN11 Datasheet
773Kb / 20P
   Product Compliant with DIN Standard: Solderless Connection Type
PCN10FA HIROSE-PCN10FA Datasheet
896Kb / 10P
   PCN10F Series (Product Compliant with DIN Standard: Coaxial and High Current Contact Composite Type)
PCN12 HIROSE-PCN12 Datasheet
1Mb / 19P
   PCN10, 12, 13 Series (Product Compliant to DIN Standard: through hole,Wrapping Type)
PCN13 HIROSE-PCN13 Datasheet
1Mb / 16P
   PCN10, 12, 13 Series (Product Compliant to DIN Standard: through hole,Wrapping Type)
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PCN12A-10P-2.54DS HIROSE-PCN12A-10P-2.54DS Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com