Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM23R-MPP1 Datasheet(PDF) 10 Page - Hirose Electric

Part # TM23R-MPP1
Description  CAT 6 Data Wiring System Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

TM23R-MPP1 Datasheet(HTML) 10 Page - Hirose Electric

Back Button TM23R-MPP1 Datasheet HTML 2Page - Hirose Electric TM23R-MPP1 Datasheet HTML 3Page - Hirose Electric TM23R-MPP1 Datasheet HTML 4Page - Hirose Electric TM23R-MPP1 Datasheet HTML 5Page - Hirose Electric TM23R-MPP1 Datasheet HTML 6Page - Hirose Electric TM23R-MPP1 Datasheet HTML 7Page - Hirose Electric TM23R-MPP1 Datasheet HTML 8Page - Hirose Electric TM23R-MPP1 Datasheet HTML 9Page - Hirose Electric TM23R-MPP1 Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
sMaterials and Finishes
Jacks
Insulator
Contacts
PBT
Phosphor bronze
Color: Black (Standard)
White, red, blue, yellow, green, orange
Contact area: Gold plated
UL94V-0
UL94V-0
-------------------
Component
Material
Finish
Remarks
sOrdering Information
Jacks
Series name
: TM23
Connector type
R
: Jack
Mounting style/termination type
5A : Right-angle/through hole
Jack opening code
8
: For 8 contacts
Number of inserted contacts
8
: 8 contacts
1
2
3
4
5
8
8
5A
-
R
TM23
1
2
3
4
5
100 M ohms min.
No flashover or insulation breakdown.
230 m ohms max.
No electrical discontinuity of 5µs min.
Contact resistance
: 250m ohms max.
No electrical discontinuity of 5µs. min.
Contact resistance
: 250m ohms max.
Contact resistance
: 250m ohms max.
Contact resistance
: 250 m ohms max.
Insulation resistance : 100 M ohms min.
Contact resistance: 250 m ohms max.
Insulation resistance: 1 M ohms min. (High humidity)
Insulation resistance: 100 M ohms min. (Dry state)
Contact resistance: 250 m ohms max.
100 V DC
500 V AC / one minute
100mA
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
1 octave/min. conduct, 10 cycles to each 3 directions.
Acceleration of 490 m/s
2, 11 ms duration, sine half-wave
waveform, 3 cycles in each of the 3 axes.
200 cycles
Temperature : -55±3ç ➝ +5ç to +35ç ➝ +85±2ç ➝ +5ç to +35ç
Duration(Minutes) : 30
➝ 2 to 3 ➝ 30
➝ 2 to 3
5 cycles
500 hours at temperature of 40ç and humidity of 90% to 95%.
5% salt water/48 hours.
1. Insulation resistance
2. Withstanding voltage
(between adjacent contacts)
3. Contact resistance
4. Vibration
5. Shock
6. Durability
(mating/un-mating)
7. Temperature cycle
8. Humidity
9. Salt Spray
Rating
Current rating
1A
Voltage rating
125V AC
Operating temperature range -25ç to +80ç (Note)
sJacks
sSpecifications
Item
Specification
Conditions
Note: Includes temperature rise caused by current flow.
+5
0
+5
0


Similar Part No. - TM23R-MPP1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TM23R-5A-88 HIROSE-TM23R-5A-88 Datasheet
825Kb / 8P
   CAT 6 Data Wiring System Connectors
TM23R-5A88 HIROSE-TM23R-5A88 Datasheet
894Kb / 8P
   CAT 6 Data Wiring System Connectors
More results

Similar Description - TM23R-MPP1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TM23-P-88P HIROSE-TM23-P-88P Datasheet
894Kb / 8P
   CAT 6 Data Wiring System Connectors
TM23 HIROSE-TM23 Datasheet
825Kb / 8P
   CAT 6 Data Wiring System Connectors
logo
Omron Electronics LLC
XW6T OMRON-XW6T Datasheet
384Kb / 2P
   XW6T Wiring System Interface
logo
WAGO Kontakttechnik Gmb...
704-3004 WAGO-704-3004 Datasheet
300Kb / 5P
   Interface module for system wiring; for 232 Series Pluggable Connectors
23.11.2021
704-3003 WAGO-704-3003 Datasheet
290Kb / 4P
   Interface module for system wiring; for 232 Series Pluggable Connectors
23.11.2021
logo
Tyco Electronics
1375014-2 MACOM-1375014-2 Datasheet
477Kb / 2P
   PANEL ASSEMBLY, 24 PORT, CAT 6,119, UNIVERSAL WIRING
logo
IOGEAR
GHSP8218E IOGEAR-GHSP8218E Datasheet
151Kb / 2P
   8-Port Cat 5e/6 Splitter wIth HDMI Connectors
logo
Qualtek Electronics Cor...
1226003-01 QUALTEK-1226003-01 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
1226008-05 QUALTEK-1226008-05 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
1226010-07 QUALTEK-1226010-07 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com