Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM23R-TO1 Datasheet(PDF) 7 Page - Hirose Electric

Part # TM23R-TO1
Description  CAT 6 Data Wiring System Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

TM23R-TO1 Datasheet(HTML) 7 Page - Hirose Electric

Back Button TM23R-TO1 Datasheet HTML 2Page - Hirose Electric TM23R-TO1 Datasheet HTML 3Page - Hirose Electric TM23R-TO1 Datasheet HTML 4Page - Hirose Electric TM23R-TO1 Datasheet HTML 5Page - Hirose Electric TM23R-TO1 Datasheet HTML 6Page - Hirose Electric TM23R-TO1 Datasheet HTML 7Page - Hirose Electric TM23R-TO1 Datasheet HTML 8Page - Hirose Electric TM23R-TO1 Datasheet HTML 9Page - Hirose Electric TM23R-TO1 Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Cat 6
(38)
(58)
Through hole
(7mm max. cable dia.)
Base
Wiring tie (one included)
sBox Type Outlets
q 1 Port
BOverview
. Use of a 110 type connector allows termination with a
standard industry tools.
. Uses AWG #22 to 24 (dia. 0.65 to 0.51 mm) wire.
. Pin assignments comply with T568A and T568B wiring
standards.
. Supplied with dustproof shutter.
. Provided with magnetic surface on the base.
Part No.
TM23R-TO1
222-2921-6
CL No.
12
Cat 6
(54.4)
(65)
Through hole
(7mm max. cable dia.)
Base
Wiring ties (two included)
q 2 Ports
Part No.
TM23R-TO2
222-2922-9
CL No.
6
5
4
3
2
1
Cat 6
(185)
Break-out hole, 19mm
or 23mm dia. Cables
Base
(23)
(19)
Wiring ties (two included)
q 6 Ports
Part No.
TM23R-TO6
222-2923-1
CL No.


Similar Part No. - TM23R-TO1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TM23R-5A-88 HIROSE-TM23R-5A-88 Datasheet
825Kb / 8P
   CAT 6 Data Wiring System Connectors
TM23R-5A88 HIROSE-TM23R-5A88 Datasheet
894Kb / 8P
   CAT 6 Data Wiring System Connectors
More results

Similar Description - TM23R-TO1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TM23-P-88P HIROSE-TM23-P-88P Datasheet
894Kb / 8P
   CAT 6 Data Wiring System Connectors
TM23 HIROSE-TM23 Datasheet
825Kb / 8P
   CAT 6 Data Wiring System Connectors
logo
Omron Electronics LLC
XW6T OMRON-XW6T Datasheet
384Kb / 2P
   XW6T Wiring System Interface
logo
WAGO Kontakttechnik Gmb...
704-3004 WAGO-704-3004 Datasheet
300Kb / 5P
   Interface module for system wiring; for 232 Series Pluggable Connectors
23.11.2021
704-3003 WAGO-704-3003 Datasheet
290Kb / 4P
   Interface module for system wiring; for 232 Series Pluggable Connectors
23.11.2021
logo
Tyco Electronics
1375014-2 MACOM-1375014-2 Datasheet
477Kb / 2P
   PANEL ASSEMBLY, 24 PORT, CAT 6,119, UNIVERSAL WIRING
logo
IOGEAR
GHSP8218E IOGEAR-GHSP8218E Datasheet
151Kb / 2P
   8-Port Cat 5e/6 Splitter wIth HDMI Connectors
logo
Qualtek Electronics Cor...
1226003-01 QUALTEK-1226003-01 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
1226008-05 QUALTEK-1226008-05 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
1226010-07 QUALTEK-1226010-07 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com