Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RUC Datasheet(PDF) 6 Page - ZETTLER Electronics

Part # RUC
Description  Power relays of general application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

RUC Datasheet(HTML) 6 Page - ZETTLER Electronics

  RUC Datasheet HTML 1Page - ZETTLER Electronics RUC Datasheet HTML 2Page - ZETTLER Electronics RUC Datasheet HTML 3Page - ZETTLER Electronics RUC Datasheet HTML 4Page - ZETTLER Electronics RUC Datasheet HTML 5Page - ZETTLER Electronics RUC Datasheet HTML 6Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.relpol.com.pl
Export Sales Department phone +48 68 47 90 832, 951 • e-mail: export@relpol.com.pl
6
PRECAUTIONS:
1. Ensure that the parameters of the product described in its specification provide a safety margin for the appropriate operation of the device or system and never use
the product in circumstances which exceed the parameters of the product.
2. Never touch any live parts of the device. 3. Ensure that the product has been connected
correctly. An incorrect connection may cause malfunction, excessive heating or risk of fire.
4. In case of any risk of any serious material loss or death or injuries
of humans or animals, the devices or systems shall be designed so to equip them with double safety system to guarantee their reliable operation.
For RUC faston 4,8 x 0,5 and RUC-M, with GUC11 socket, max. switching voltages and coil voltages of relays are limited to 250 V AC / DC.
Plug-in sockets and accessories
GUC11
For RUC faston 4,8x0,5, RUC-M
Screw terminals
Max. tightening moment
for the terminal: 0,7 Nm
35 mm rail mount
acc. to PN-EN 60715
or on panel mounting
82 x 42,2 x 26,5 mm
Three poles
16 A, 250 V AC
Dimensions
Connection diagram
Accessories
MBA
GUC11
Screw terminals
plug-in sockets for
RUC faston 4,8x0,5,
RUC-M


Similar Part No. - RUC

ManufacturerPart #DatasheetDescription
logo
Relpol S.A.
RUC-1012-25-1006-K RELPOL-RUC-1012-25-1006-K Datasheet
749Kb / 6P
   industrial relays of small dimensions
RUC-1012-25-1012-K RELPOL-RUC-1012-25-1012-K Datasheet
749Kb / 6P
   industrial relays of small dimensions
RUC-1012-25-1024-K RELPOL-RUC-1012-25-1024-K Datasheet
749Kb / 6P
   industrial relays of small dimensions
RUC-1012-25-1042-K RELPOL-RUC-1012-25-1042-K Datasheet
749Kb / 6P
   industrial relays of small dimensions
RUC-1012-25-1048-K RELPOL-RUC-1012-25-1048-K Datasheet
749Kb / 6P
   industrial relays of small dimensions
More results

Similar Description - RUC

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
R2N ZETTLER-R2N Datasheet
4Mb / 12P
   Relays of general application
R4N ZETTLER-R4N Datasheet
5Mb / 12P
   Relays of general application
RY2 ZETTLER-RY2 Datasheet
501Kb / 5P
   Relays of general application
R3N ZETTLER-R3N Datasheet
3Mb / 10P
   Relays of general application
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
logo
Omron Electronics LLC
MKS-X OMRON-MKS-X Datasheet
2Mb / 12P
   General Purpose Power Relays
P2CF-08 OMRON-P2CF-08 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com