Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A3291WE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PT8A3291WE
Description  Heating Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A3291WE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PT8A3291WE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A3291WE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A3291WE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A3291WE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A3291WE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A3291WE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A3291WE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A3291WE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-07-0006
PT0262-1
07/06/12
3
PT8A3290/1/2/3/4/5/6/7
Heating Controller
Maximum Ratings
StorageTemperature...................................................................................-65oC to +150oC
Supply Voltage to Ground Potential (Input & VCC Only).......................-0.5Vto + 5.5V
Supply Voltage to Ground Potential (Outputs)..........................................-0.5V to + 5.5V
DC Input Voltage ............................................................................................-0.5V to + 5.5V
DC Output Current ...................................................................... 20mA
Power Dissipation.........................................................................................................500mW
Recommended operation conditions
Symbol
Pin
Parameter
Min
Typ
Max
Unit
Frequency
CLK
Input CLK Frequency
-
50/60
-
Hz
TA
-
Operating temperature
-20
-
85
AC Electrical Characteristics
(VDD = 3.5 ~ 5.5V, TA = -20 ~ 85ºC, unless otherwise noted)
Symbol
Description
Test Conditions
Min
Type
Max
Unit
FCLK
Frequency of CLK
-
-
50/60
-
Hz
TGATE
Width of trigger pulse
-
160
200
240
S
Timer
Power off timer
FCLK= 50Hz
1.15
1.2
1.25
Hour
DC Electrical Characteristics
(VDD = 3.5 ~ 5.5V, TA = -20 ~ 85ºC, unless otherwise noted)
Symbol
Description
Test Conditions
Min
Type
Max
Un
it
IIH
Input high current
PIN: CLK
VIN = VDD
-
-
1
A
PIN: NTC1
VIN = VDD
-
-
100
nA
PIN: NTC2
VIN = VDD ,Output
High impedance
-
-
100
nA
IIL
Input low current
PIN: CLK
VIN = GND
-
-
-1
A
VIN = 0.35V
-
-
-10
A
PIN: NTC1
VIN = GND
-
-
-100
nA
PIN: NTC2
VIN = GND, Output
High impedance
-
-
-100
nA
IOH
Output High current
PIN: GATE
V DD =4.5V
Vout = 2.5V
-15
-
-
m
A
IOL
Output Low current
PIN: NTC2
V DD =4.5V
Vout =0.5V
2.0
-
-
m
A
PIN: GATE
V DD =4.5V
Vout =0.5V
5.0
-
-
m
A
VPOR
Voltage of POR
-
1.5
-
2.5
V
VZ
Voltage of Zener
IDD= 500uA ~ 10mA
4.5
5.0
5.5
V
IDD
Current consumption
NTC1,CLK pin tied to ground
V DD = 4.5V
-
-
500
A
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.


Similar Part No. - PT8A3291WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3231 PERICOM-PT8A3231 Datasheet
337Kb / 7P
   Heating Controller
PT8A3232 PERICOM-PT8A3232 Datasheet
337Kb / 7P
   Heating Controller
PT8A3233 PERICOM-PT8A3233 Datasheet
337Kb / 7P
   Heating Controller
PT8A3234 PERICOM-PT8A3234 Datasheet
337Kb / 7P
   Heating Controller
More results

Similar Description - PT8A3291WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3280 PERICOM-PT8A3280 Datasheet
239Kb / 8P
   Heating Controller
PT8A3240 PERICOM-PT8A3240 Datasheet
310Kb / 7P
   Heating Controller
PT8A3270 PERICOM-PT8A3270 Datasheet
239Kb / 8P
   Heating Controller
PT8A3251 PERICOM-PT8A3251 Datasheet
218Kb / 8P
   Ceramic Heating Controller
PT8A3361 PERICOM-PT8A3361 Datasheet
522Kb / 16P
   NTCLCD Heating Controller
PT8A3252 PERICOM-PT8A3252 Datasheet
203Kb / 7P
   5LED Ceramic Heating Controller
PT8A3263-66A-F PERICOM-PT8A3263-66A-F Datasheet
541Kb / 15P
   NTC Heating Controller with Multi LEDs
logo
List of Unclassifed Man...
ST699 ETC1-ST699 Datasheet
275Kb / 2P
   HEATING CONTROLS
logo
Renesas Technology Corp
RJH65T14DPQ-A0 RENESAS-RJH65T14DPQ-A0 Datasheet
315Kb / 10P
   Induction Heating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com