Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A3264DWE Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PT8A3264DWE
Description  NTC Heating Controller with Multi LEDs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A3264DWE Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PT8A3264DWE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A3264DWE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A3264DWE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A3264DWE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A3264DWE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A3264DWE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A3264DWE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A3264DWE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A3264DWE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0002
PT0326-2
09/29/15
5
PT8A3263-66A-F/67A/68A
NTC Heating Controller with Multi LEDs
Functional Description
Input Button
For PT8A3263/64/65/66
1)
Up button: Temperature up adjustment. Push it once the
temperature setting will increase one level until the
highest level is reached.
2)
Down button: Temperature down adjustment. Push
Down button once, the temperature setting will reduce
one level until the lowest level is reached.
3)
On/Off button: This button is toggled on Heating-on
state and Heating-off state.
For 1-key mode, this key will be set the temperature by loop:
Off12345(6)Off
When power on IC first, the initial temperature setting is
Level 4 (Internal option: Level1)
Delay function:
Heating-on & Heating-off has no delay
(Internal option: Heating-on has 0.5 second delay & Heating-
off has 1 second delay).
4)
C1: When in ON state, C1 output high.
For PT8A3267A/68A
1)
Up button: Temperature up adjustment. Push Up button
once, the temperature setting will increase one level until
the highest level is reached.
2)
Down button: Temperature down adjustment. Push
Down button once, the temperature setting will reduce
one level until the lowest level is reached.
3)
On/Off button: This button is toggled on Heating-on
state and Heating-off state.
PA8A3267A: When power on IC first, the initial temperature
setting is Level 4
PA8A3268A: When power on IC first, the initial temperature
setting is Level 6
If power is always on IC, the last setting temperature level will
be memorized when push ON again
Delay function:
PT8A3267A: Heating-on has no delay & Heating-off has 1
second delay
PT8A3268A: Heating-on has no delay & Heating-off has 2
second delay
4)
C1: Lock key function
When in Heating-on state, after continuously push
on/off key down twice( The interval is less than 600ms ),
IC will lock current temperature level state and disable
up/down and on/off function, C1 pin output high level
When in lock state push on/off key down twice again,
IC will unlock current temperature level state and enable
up/down and on/off function, C1 pin output low level
LEDs indicator:
LED1: Level 1 temperature setting ( eg. 100℃)
LED2: Level 2 temperature setting ( eg. 120℃)
LED3: Level 3 temperature setting ( eg. 140℃)
LED4: Level 4 temperature setting ( eg. 160℃)
LED5: Level 5 temperature setting ( eg. 180℃)
LED6: Level 6 temperature setting ( eg. 200℃, for
PT8A3265/6x, PT8A3267A/68A)
1)
Mode 1
Standby/Off state: LED1 ~ LED6 are all off
On State: The LED that be setting level is on.
2)
Mode 2
Standby/Off state: LED1 ~ LED6 are all off
On state:
Heating up: The LED that be setting level is Flash. (Fclk/32)
Stable: This LED is on
Drop: This LED is on
3)
Mode 3
Standby/Off state: LED1 ~ LED6 are all off
On state: The LED that be setting level and below the
setting level are on.
4)
Mode 4
Standby/Off state: LED1 ~ LED6 are all off
On state:
Level 1:
Heating up/ Drop: LED1 is flash (Fclk/32)
Stable: LED1 is on
Level2:
Heating up/ Drop: LED1 and LED2 is round flash (Fclk/16)
Stable: LED1 and LED2 are on
Level4 ~ Leve6:
similar as upon
Note:
1. When in stable state, don’t flash even if detect the below or
over setting temperature(for mode2 and mode4)
2. When push up/down key, the setting LED will be on state
for 1.5s before starting flashing(for mode2 and mode4)
3. When push up/down key, the setting LED will be forced to
flash for 2.5s (for mode4)
5)
NTC open state
The LED that relate with the setting temperature is fast
flash (Fclk/8)
Disable up/down key function
If detect NTC is not open, recover working state
6)
LED drive style
LED1-LED6: High pulse drive (50Hz)
C1: High level drive, PT8A3267/68A use pulse drive (50Hz)
Reset
After power on, the chip will be reset by internal POR
circuit, GATE, LED and C1 pins output low level and IC is
in Standby state
Timer
Once IC enters Heating-on state, internal timer will
start to count. It’ll be timeout and auto heating-off after
exact 1 hour both under 60Hz and 50Hz. This function
can be disabled by Pin TM is tied to ground.
The timer will be clear while push up/down key.
Control signal output
When working in Heating-on state, Gate output will be
related to NTC1 input and CLK input amplitude.


Similar Part No. - PT8A3264DWE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3231 PERICOM-PT8A3231 Datasheet
337Kb / 7P
   Heating Controller
PT8A3232 PERICOM-PT8A3232 Datasheet
337Kb / 7P
   Heating Controller
PT8A3233 PERICOM-PT8A3233 Datasheet
337Kb / 7P
   Heating Controller
PT8A3234 PERICOM-PT8A3234 Datasheet
337Kb / 7P
   Heating Controller
More results

Similar Description - PT8A3264DWE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3361 PERICOM-PT8A3361 Datasheet
522Kb / 16P
   NTCLCD Heating Controller
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3280 PERICOM-PT8A3280 Datasheet
239Kb / 8P
   Heating Controller
PT8A3290 PERICOM-PT8A3290 Datasheet
250Kb / 8P
   Heating Controller
PT8A3240 PERICOM-PT8A3240 Datasheet
310Kb / 7P
   Heating Controller
PT8A3270 PERICOM-PT8A3270 Datasheet
239Kb / 8P
   Heating Controller
PT8A3251 PERICOM-PT8A3251 Datasheet
218Kb / 8P
   Ceramic Heating Controller
PT8A3252 PERICOM-PT8A3252 Datasheet
203Kb / 7P
   5LED Ceramic Heating Controller
logo
List of Unclassifed Man...
ST699 ETC1-ST699 Datasheet
275Kb / 2P
   HEATING CONTROLS
logo
HK TO-GRACE TECHNOLOGY ...
19-226-R6GHC-A03-2T TO-GRACE-19-226-R6GHC-A03-2T Datasheet
981Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com