Electronic Components Datasheet Search |
|
KBL406 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
|
KBL406 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD |
1 / 2 page KBL410 KBL408 KBL406 KBL404 KBL402 KBL401 KBL4005 THRU KBL410 SINGLE-PHASE SILICON BRIDGE RECTIFIER REVERSE VOLTAGE: 50 to 1000 VOLTS FORWARD CURRENT: 4.0 AMPERE FEATURES · Reliable low cost construction utilizing molded KBL plastic technique · Ideal for printed circuit board · Low forward voltage drop · Low reverse leakage current · High surge current capability MECHANICAL DATA Case: Molded plastic, KBL Epoxy: UL 94V-O rate flame retardant Terminals: Leads solderable per MIL-STD-202, method 208 guaranteed Mounting position: Any Weight: 0.2ounce, 5.6gram Maximum Ratings and Electrical Characteristics Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60HZ, resistive or inductive load. For capacitive load, derate current by 20%. Symbols Units Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 Volts Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 Volts Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 Volts Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at T A=50 Peak Forward Surge Current, 8.3ms single half-sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage at 4.0A DC and 25 Maximum Reverse Current at TA=25 at Rated DC Blocking Voltage TA=100 Typical Junction Capacitance (Note 1) CJ pF Typical Thermal Resistance (Note 2) R JA /W Typical Thermal Resistance (Note 3) R JL /W Operating and Storage Temperature Range TJ Tstg NOTES: 1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC. 2- Thermal resistance from junction to ambient with units mounted on 3.0 x 3.0 x 0.11” thick (7.5 x 7.5 x 0.3cm) Al. plate 3- Thermal resistance from junction to lead with units mounted on P.C.B. at 0.375" (9.5mm) lead length and 0.5 x 0.5" (12 x 12mm) copper pads -55 to +125 10.0 500 40 19 2.4 Dimensions in inches and (millimeters) I(AV) IFSM VF 4.0 200 IR Amp Amp Volts uAmp 1.1 KBL4005 |
Similar Part No. - KBL406 |
|
Similar Description - KBL406 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |