Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A3264CWE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PT8A3264CWE
Description  NTC Heating Controller with Multi LEDs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A3264CWE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PT8A3264CWE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A3264CWE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A3264CWE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A3264CWE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A3264CWE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A3264CWE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A3264CWE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A3264CWE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A3264CWE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0002
PT0326-2
09/29/15
3
PT8A3263-66A-F/67A/68A
NTC Heating Controller with Multi LEDs
DC Output Electrical Characteristics
Symbol
Description
Test Conditions
Min
Type
Max
Unit
IOH
Output High Current
PIN: GATE
V DD = 4.5V
-15
-
-
mA
VOUT= 2.5V
PIN: L1-L6
V DD =4.5V
-4.0
-
-
VOUT =4.0V
PIN: C1
V DD =4.5V
-4.0
-
-
VOUT =4.0V
IOL
Output Low Current
PIN: GATE
V DD = 4.5V
4
-
-
mA
VOUT =0.5V
PIN: L1-L6
V DD =4.5V
3
-
-
VOUT =0.5V
PIN: C1
V DD =4.5V
3
-
-
VOUT =0.5V
PIN: NTC2
V DD = 4.5V
20
-
-
VOUT = 0.5V
Power Supply Characteristics
Symbol
Description
Test Conditions
Min
Type
Max
Unit
VPOR
Voltage of POR
-
2.5
-
3.5
V
IDD
Current consumption
No loading, VDD =4.5V
-
-
400
A
Vz
Voltage of Zener
IDD=500A~20mA
4.5
5.0
5.5
V
TPO
Power off timer
FCLK= 50/60Hz
54
60
66
Min
Line Clock Synchronization Characteristics
Symbol
Description
Test Conditions
Min
Type
Max
Unit
VTCLK
Compare Threshold
Voltage of CLK Pin
VT4
VCLK>VLEVEL
105
145
185
mV
VT3
-100
-150
-200
VT2
VCLK<VLEVEL
60
90
120
VT1
-40
-90
-140
VLEVEL
120V/240V Level
Threshold Voltage of CLK
Pin
V DD = 4.5V
1.69
1.88
2.07
V
Note: The four comparators (VT1~VT4) have about 100mV hysteresis
GATE Pulse Characteristics
Symbol
Description
Test Conditions
Min
Type
Max
Unit
Tal_Gat
e
Width of Gate trigger
pulse
VDD=4.0~VZ; TA =-20~85ºC
270
300
330
s
Internal RC Oscillator Frequency Characteristics
Symbol
Description
Test Conditions
Min
Type
Max
Unit
Fosc
Frequency of RC
Oscillator
VDD=4.0~VZ; TA =-20~85ºC
74.4
80
85.6
KHz
VDD=4.0~VZ; TA =25ºC
76
80
84
KHz


Similar Part No. - PT8A3264CWE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3231 PERICOM-PT8A3231 Datasheet
337Kb / 7P
   Heating Controller
PT8A3232 PERICOM-PT8A3232 Datasheet
337Kb / 7P
   Heating Controller
PT8A3233 PERICOM-PT8A3233 Datasheet
337Kb / 7P
   Heating Controller
PT8A3234 PERICOM-PT8A3234 Datasheet
337Kb / 7P
   Heating Controller
More results

Similar Description - PT8A3264CWE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3361 PERICOM-PT8A3361 Datasheet
522Kb / 16P
   NTCLCD Heating Controller
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3280 PERICOM-PT8A3280 Datasheet
239Kb / 8P
   Heating Controller
PT8A3290 PERICOM-PT8A3290 Datasheet
250Kb / 8P
   Heating Controller
PT8A3240 PERICOM-PT8A3240 Datasheet
310Kb / 7P
   Heating Controller
PT8A3270 PERICOM-PT8A3270 Datasheet
239Kb / 8P
   Heating Controller
PT8A3251 PERICOM-PT8A3251 Datasheet
218Kb / 8P
   Ceramic Heating Controller
PT8A3252 PERICOM-PT8A3252 Datasheet
203Kb / 7P
   5LED Ceramic Heating Controller
logo
List of Unclassifed Man...
ST699 ETC1-ST699 Datasheet
275Kb / 2P
   HEATING CONTROLS
logo
HK TO-GRACE TECHNOLOGY ...
19-226-R6GHC-A03-2T TO-GRACE-19-226-R6GHC-A03-2T Datasheet
981Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com