Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A3260APE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PT8A3260APE
Description  NTC Heating Controller with Multi LEDs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A3260APE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PT8A3260APE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT8A3260APE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT8A3260APE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT8A3260APE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A3260APE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A3260APE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A3260APE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A3260APE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A3260APE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0002
PT0326-2
09/29/15
2
PT8A3263-66A-F/67A/68A
NTC Heating Controller with Multi LEDs
Maximum Ratings
StorageTemperature...................................................................................-55oC to +150oC
Ambient Temperature with Power applied...............................................-20oC to +85oC
Supply Voltage to Ground Potential (Input & VDD Only).........................-0.5Vto+6.5V
Supply Voltage to Ground Potential (Output s Only)................................-0.5V to+6.5V
DC Input Voltage .............................................................................................-0.5V to +6.5V
Input/Output Current ................................................................... 50mA
Input/Output Current (Pin VDD, VB only)............................... 200mA
Power Dissipation.........................................................................................................500mW
Recommended operation conditions
Sym
Parameter
Pin
Min
Typ
Max
Unit
VDD
Operating Voltage
VDD
4.0
VZ
-
V
TA
Operating temperature
-
-20
-
85
°C
FCLK
Frequency of CLK
CLK
-
50/60
-
Hz
DC Electrical Characteristics
DC Input Electrical Characteristics (VDD = 4.5V, TA = -20 ~ 85ºC, unless otherwise noted)
Symbol
Description
Test Conditions
Min
Type
Max
Uni
t
VT_
NTC1
Voltage of NTC1
Pin:NTC1
VDD=4.5V
Level
Temp(º
C)
V
1-half
90
1.083
1.103
1.123
1
100
1.216
1.226
1.236
2-half
110
1.464
1.474
1.484
2
120
1.711
1.721
1.731
3-half
125
1.824
1.834
1.844
3
140
2.161
2.171
2.181
4-half
145
2.263
2.273
2.283
4
160
2.533
2.543
2.553
5-half
160
2.533
2.543
2.553
5
180
2.803
2.813
2.823
6-half
180
2.803
2.813
2.823
6
200
2.994
3.004
3.014
IIH
Input high current
PIN:TM
VIN = VDD
-1
-
1
uA
PIN: CLK
VIN = VDD
-
-
1
A
PIN: NTC1
VIN = VDD
-100
-
100
nA
IIL
Input low current
PIN:TM
VIN = GND
-30
-40
-50
uA
PIN: CLK
VIN = GND
-1
-
1
A
PIN: NTC1
VIN = GND
-100
-
100
nA
RPULL-UP
Internal pull-up
resistance
PIN: K1, K2
-
80
100
120
RPULL-
DOWN
Internal pull-
down resistance
PIN: K1, K2
-
80
100
120
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.


Similar Part No. - PT8A3260APE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3231 PERICOM-PT8A3231 Datasheet
337Kb / 7P
   Heating Controller
PT8A3232 PERICOM-PT8A3232 Datasheet
337Kb / 7P
   Heating Controller
PT8A3233 PERICOM-PT8A3233 Datasheet
337Kb / 7P
   Heating Controller
PT8A3234 PERICOM-PT8A3234 Datasheet
337Kb / 7P
   Heating Controller
More results

Similar Description - PT8A3260APE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3361 PERICOM-PT8A3361 Datasheet
522Kb / 16P
   NTCLCD Heating Controller
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3280 PERICOM-PT8A3280 Datasheet
239Kb / 8P
   Heating Controller
PT8A3290 PERICOM-PT8A3290 Datasheet
250Kb / 8P
   Heating Controller
PT8A3240 PERICOM-PT8A3240 Datasheet
310Kb / 7P
   Heating Controller
PT8A3270 PERICOM-PT8A3270 Datasheet
239Kb / 8P
   Heating Controller
PT8A3251 PERICOM-PT8A3251 Datasheet
218Kb / 8P
   Ceramic Heating Controller
PT8A3252 PERICOM-PT8A3252 Datasheet
203Kb / 7P
   5LED Ceramic Heating Controller
logo
List of Unclassifed Man...
ST699 ETC1-ST699 Datasheet
275Kb / 2P
   HEATING CONTROLS
logo
HK TO-GRACE TECHNOLOGY ...
19-226-R6GHC-A03-2T TO-GRACE-19-226-R6GHC-A03-2T Datasheet
981Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com