Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9272 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9272
Description  0.6V~0.95V (짹20mV, 0.05V step increments)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9272 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9272 Datasheet HTML 1Page - Torex Semiconductor XC9272 Datasheet HTML 2Page - Torex Semiconductor XC9272 Datasheet HTML 3Page - Torex Semiconductor XC9272 Datasheet HTML 4Page - Torex Semiconductor XC9272 Datasheet HTML 5Page - Torex Semiconductor XC9272 Datasheet HTML 6Page - Torex Semiconductor XC9272 Datasheet HTML 7Page - Torex Semiconductor XC9272 Datasheet HTML 8Page - Torex Semiconductor XC9272 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
XC9140 (Design Target)
XC9272
Series
PIN CONFIGURATION
PIN ASSIGNMENT
PIN NUMBER
PIN NAME
FUNCTIONS
USP-6EL
SOT-25
1
5
LX
Switching
2
2
GND
Ground
3
4
VOUT
Output Voltage
4
3
CE
Chip Enable
5
-
NC
No Connection
6
1
VIN
Power Input
CE PIN FUNCTION
PIN NAME
SIGNAL
STATUS
CE
H
Operation (All Series)
L
Standby (All Series)
* Please do not leave the CE pin open.
ABSOLUTE MAXIMUM RATINGS
Ta=25˚C
PARAMETER
SYMBOL
RATINGS
UNITS
VIN Pin Voltage
VIN
-0.3 ~ +7.0
V
LX Pin Voltage
VLX
-0.3 ~ VIN+0.3 or +7.0 (*1)
V
VOUT Pin Voltage
VOUT
-0.3 ~ VIN+0.3 or +7.0 (*1)
V
CE Pin Voltage
VCE
-0.3 ~ +7.0
V
LX Pin Current
ILX
1000
mA
Power Dissipation
SOT-25
Pd
250
mW
USP-6EL
120
Operating Ambient Temperature
Topr
-40 ~ +85
˚C
Storage Temperature
Tstg
-55 ~ +125
˚C
* All voltages are described based on the GND.
(*1) The maximum value is the lower of either VIN + 0.3 or +7.0.
* The dissipation pad for the USP-6EL package should be solder-plated in
reference mount pattern and metal masking so as to enhance mounting
strength and heat release.
The mount pattern should be connected to GND pin (No.2).
1
3
2
5
4
VIN
VOUT
SOT-25
(TOP VIEW)
LX
CE
GND
USP-6EL
(BOTTOM VIEW)
3
4
2
1
5
6
VIN
CE
LX
GND
VOUT
NC


Similar Part No. - XC9272

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9273 TOREX-XC9273 Datasheet
1Mb / 30P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9274 TOREX-XC9274 Datasheet
1Mb / 28P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9275 TOREX-XC9275 Datasheet
1Mb / 28P
   COT Control, 3.0A Synchronous Step-Down DC/DC Converters
XC9276 TOREX-XC9276 Datasheet
1Mb / 30P
   Ultra-Low Quiescent Current, Synchronous Step-Down PFM DC/DC Converter with Output voltage selectable function
More results

Similar Description - XC9272

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD05123 UTC-UD05123 Datasheet
193Kb / 4P
   2.25MHz, 1.2A, VFB=0.6V SYNCHRONOUS STEP-DOWN CONVERTER
logo
Diodes Incorporated
ZXRE160_V1 DIODES-ZXRE160_V1 Datasheet
383Kb / 2P
   ZXRE160 0.6V Shunt Regulator
ZXRE060 DIODES-ZXRE060 Datasheet
396Kb / 10P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Delta Electronics, Inc.
D12F200 DELTA-D12F200 Datasheet
623Kb / 13P
   4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S300-1 DELTA-D12S300-1 Datasheet
656Kb / 13P
   4.5V~13.8Vin, 0.6V~5.0Vout, 60A
logo
Diodes Incorporated
ZXRE060 DIODES-ZXRE060_11 Datasheet
414Kb / 12P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Lowpower Semiconductor ...
LP6302 POWER-LP6302 Datasheet
1,016Kb / 7P
   Output Voltage Range: 0.6V to VIN
logo
Diodes Incorporated
ZXRD060 DIODES-ZXRD060 Datasheet
823Kb / 12P
   0.6V DUAL ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE160 DIODES-ZXRE160 Datasheet
426Kb / 15P
   0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Lowpower Semiconductor ...
LP6343 POWER-LP6343 Datasheet
539Kb / 12P
   Output Voltage Range: 0.6V to VIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com