Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8A3263-67A-F Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PT8A3263-67A-F
Description  NTC Heating Controller with Multi LEDs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT8A3263-67A-F Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PT8A3263-67A-F Datasheet HTML 4Page - Pericom Semiconductor Corporation PT8A3263-67A-F Datasheet HTML 5Page - Pericom Semiconductor Corporation PT8A3263-67A-F Datasheet HTML 6Page - Pericom Semiconductor Corporation PT8A3263-67A-F Datasheet HTML 7Page - Pericom Semiconductor Corporation PT8A3263-67A-F Datasheet HTML 8Page - Pericom Semiconductor Corporation PT8A3263-67A-F Datasheet HTML 9Page - Pericom Semiconductor Corporation PT8A3263-67A-F Datasheet HTML 10Page - Pericom Semiconductor Corporation PT8A3263-67A-F Datasheet HTML 11Page - Pericom Semiconductor Corporation PT8A3263-67A-F Datasheet HTML 12Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
||||||||||||||||
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0002
PT0326-2
09/29/15
8
PT8A3263-66A-F/67A/68A
NTC Heating Controller with Multi LEDs
Application Circuit
Application circuit for PT8A3263A/B/D/E
VDD
DOWN
R10
20K
HEATER
D1
1N4007
LED4
LED3
+
C1
47uF/10V
N
L
t
NTC1
RB
10K
LED2
C2
104
RA
3K
ON/OFF
C3
333
R11
20K
LED5
Q1
SCR
R5 100
C4
104
R12
3K
R13
3K
U1
PT8A3263A/B/D/E
GATE
15
CLK
3
NTC1
1
NCT2
2
L6
14
GND
8
C1
5
TM
4
L3
11
L2
10
L1
9
K2
7
K1
6
VDD
16
L4
12
L5
13
UP
R9
20K
R6
3K
R1
43K/2W
R7
3K
R8
3K
R2 1M
R3
6.8k
C4
10nF
LED1
Application circuit for PT8A3263C/F
VDD
DOWN
R10
20K
HEATER
LED4
LED3
+
C1
47uF/10V
N
L
t
NTC1
RB
10K
LED2
C2
104
RA
3K
ON/OFF
C3
333
R11
20K
LED5
Q1
SCR
R5 100
C4
104
R12
3K
R13
3K
U1
PT8A3263C/F
GATE
15
CLK
3
NTC1
1
NCT2
2
L6
14
GND
8
C1
5
TM
4
L3
11
L2
10
L1
9
K2
7
K1
6
VDD
16
L4
12
L5
13
UP
R9
20K
R6
3K
R7
3K
R8
3K
R2 1M
R3
6.8k
C5
10nF
LED1
D2
1N4007
D3
1N4007
R4
1M
R14
27/2W
C6
154/AC250V


Similar Part No. - PT8A3263-67A-F

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3231 PERICOM-PT8A3231 Datasheet
337Kb / 7P
   Heating Controller
PT8A3232 PERICOM-PT8A3232 Datasheet
337Kb / 7P
   Heating Controller
PT8A3233 PERICOM-PT8A3233 Datasheet
337Kb / 7P
   Heating Controller
PT8A3234 PERICOM-PT8A3234 Datasheet
337Kb / 7P
   Heating Controller
More results

Similar Description - PT8A3263-67A-F

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A3361 PERICOM-PT8A3361 Datasheet
522Kb / 16P
   NTCLCD Heating Controller
PT8A3230 PERICOM-PT8A3230 Datasheet
337Kb / 7P
   Heating Controller
PT8A3280 PERICOM-PT8A3280 Datasheet
239Kb / 8P
   Heating Controller
PT8A3290 PERICOM-PT8A3290 Datasheet
250Kb / 8P
   Heating Controller
PT8A3240 PERICOM-PT8A3240 Datasheet
310Kb / 7P
   Heating Controller
PT8A3270 PERICOM-PT8A3270 Datasheet
239Kb / 8P
   Heating Controller
PT8A3251 PERICOM-PT8A3251 Datasheet
218Kb / 8P
   Ceramic Heating Controller
PT8A3252 PERICOM-PT8A3252 Datasheet
203Kb / 7P
   5LED Ceramic Heating Controller
logo
List of Unclassifed Man...
ST699 ETC1-ST699 Datasheet
275Kb / 2P
   HEATING CONTROLS
logo
HK TO-GRACE TECHNOLOGY ...
19-226-R6GHC-A03-2T TO-GRACE-19-226-R6GHC-A03-2T Datasheet
981Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com