Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3318-01-LGIZ Datasheet(PDF) 4 Page - Vicor Corporation

Part # PI3318-01-LGIZ
Description  8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3318-01-LGIZ Datasheet(HTML) 4 Page - Vicor Corporation

  PI3318-01-LGIZ Datasheet HTML 1Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 2Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 3Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 4Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 5Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 6Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
vicorpower.com
Rev 1.3
Cool-Power®
800 735.6200
09/2015
Page 4 of 26
PI33XX-X1
Absolute Maximum Ratings
VIN
-0.7V to 36V
VS1
-0.7 to 36V, -4V for 5ns
SGND
100mA
PGD, SYNCO, SYNCI, EN, EAO, ADJ, TRK, ADR1, ADR2, SCL, SDA
-0.3V to 5.5V / 5mA
VOUT, REM
PI3311-X0-LGIZ
-0.3V to 5.5V
PI3318-X0-LGIZ
-0.5V to 9V
PI3312-X0-LGIZ
-0.8V to 13V
PI3301-X0-LGIZ
-1.0V to 18V
Storage Temperature
-65°C to 150°C
Operating Junction Temperature
-40°C to 125°C
Soldering Temperature for 20 seconds
245°C
ESD Rating
2kV HBM
Notes: At 25°C ambient temperature. Stresses beyond these limits may cause permanent damage to the device. Operation at these
conditions or conditions beyond those listed in the Electrical Specifications table is not guaranteed. All voltage nodes are referenced to
PGND unless otherwise noted. Test conditions are per the specifications within the individual product electrical characteristics.
Block Diagram
Figure 1: Simplified Block Diagram
(I
2C pins SCL, SDA, ADR0, and ADR1 only active for PI33XX-21 device versions)


Similar Part No. - PI3318-01-LGIZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI3318-01-LGIZ ETC2-PI3318-01-LGIZ Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
Vicor Corporation
PI3318-01-LGIZ VICOR-PI3318-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
More results

Similar Description - PI3318-01-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3318-21-LGIZ VICOR-PI3318-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-01-LGIZ VICOR-PI3311-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-01-LGIZ VICOR-PI3312-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X1 VICOR-PI33XX-X1 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3301-01-LGIZ VICOR-PI3301-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3301-21-LGIZ VICOR-PI3301-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-21-LGIZ VICOR-PI3311-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-21-LGIZ VICOR-PI3312-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
   8V to 36VIN Cool-Power ZVS Buck Regulator
PI33XX-X0 VICOR-PI33XX-X0_18 Datasheet
2Mb / 41P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com