Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3318-01-LGIZ Datasheet(PDF) 3 Page - Vicor Corporation

Part # PI3318-01-LGIZ
Description  8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3318-01-LGIZ Datasheet(HTML) 3 Page - Vicor Corporation

  PI3318-01-LGIZ Datasheet HTML 1Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 2Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 3Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 4Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 5Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 6Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 7Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 8Page - Vicor Corporation PI3318-01-LGIZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
vicorpower.com
Rev 1.3
Cool-Power®
800 735.6200
09/2015
Page 3 of 26
PI33XX-X1
Order Information
Cool-Power
Output Range
Iout
Max
Package
Transport Media
Set
Range
PI3311-01-LGIZ
1.0V
1.0 to 1.4V
15A
10mm x 14mm 123
-pin LGA
TRAY
PI3318-01-LGIZ
1.8V
1.4 to 2.0V
15A
10mm x 14mm 123
-pin LGA
TRAY
PI3312-01-LGIZ
2.5V
2.0 to 3.1V
15A
10mm x 14mm 123
-pin LGA
TRAY
PI3301-01-LGIZ
3.3V
2.3 to 4.1V
15A
10mm x 14mm 123
-pin LGA
TRAY
I
2C Functionality & Programmability
PI3311-21-LGIZ
1.0V
1.0 to 1.4V
15A
10mm x 14mm 123
-pin LGA
TRAY
PI3318-21-LGIZ
1.8V
1.4 to 2.0V
15A
10mm x 14mm 123
-pin LGA
TRAY
PI3312-21-LGIZ
2.5V
2.0 to 3.1V
15A
10mm x 14mm 123
-pin LGA
TRAY
PI3301-21-LGIZ
3.3V
2.3 to 4.1V
15A
10mm x 14mm 123
-pin LGA
TRAY


Similar Part No. - PI3318-01-LGIZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI3318-01-LGIZ ETC2-PI3318-01-LGIZ Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
Vicor Corporation
PI3318-01-LGIZ VICOR-PI3318-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
More results

Similar Description - PI3318-01-LGIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3318-21-LGIZ VICOR-PI3318-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-01-LGIZ VICOR-PI3311-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-01-LGIZ VICOR-PI3312-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X1 VICOR-PI33XX-X1 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3301-01-LGIZ VICOR-PI3301-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3301-21-LGIZ VICOR-PI3301-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-21-LGIZ VICOR-PI3311-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-21-LGIZ VICOR-PI3312-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
   8V to 36VIN Cool-Power ZVS Buck Regulator
PI33XX-X0 VICOR-PI33XX-X0_18 Datasheet
2Mb / 41P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com