Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1A1 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 1A1
Description  1 Amp Miniature Plastic Silicon Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

1A1 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  1A1 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 1A1 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
High Reliability
Low Leakage
Low Forward Voltage Drop
Exceeds Environmental Standards of MIL-S-19500/228
Case: Molded plastic black body, R-1
Epoxy: UL 94V-O rate flame retardant
Lead: MIL-STD-202E method 208C guaranteed
Polarity: Indicated by Cathode Band
Maximum Ratings
Operating Temperature: -55
oC to +125oC
Storage Temperature: -55
oC to +150oC
Maximum Thermal Resistance: 60
oC/W Junction to Ambient
1A1
----
50V
35V
50V
1A2
----
100V
70V
100V
1A3
----
200V
140V
200V
1A4
----
400V
280V
400V
1A5
----
600V
420V
600V
1A6
----
800V
560V
800V
1A7
----
1000V
700V
1000V
Maximum
DC Blocking
Voltage
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Electrical Characteristics @ 25
oC Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TJ=25
o C
Peak Forward Surge
Current
IFSM
30.0A 8.3ms half sine
Maximum
Instantaneous Forward
Voltage
V F
1.1V
IFM=1.0A TA=25
oC
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
5.0uA
500uA
TJ=25
o C
TJ=100
o C
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
Note: 1. Valid provided that electrodes are kept at ambient temperature
1A1
THRU
1A7
1 Amp Miniature
Plastic Silicon Rectifier
50 to 1000 Volts
R-1
MIN
MAX
MIN
MAX
A
0.116
0.140
2.90
3.50
B
0.091
0.102
2.30
2.60
C
0.020
0.024
0.50
0.60
D
0.787
-----
20.00
-----
DIMENSIONS
DIM
INCHES
MM
NOTE
A
B
D
D
C
Cathode Mark


Similar Part No. - 1A1

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1A1 WILLAS-1A1 Datasheet
448Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Pan Jit International I...
1A1 PANJIT-1A1 Datasheet
52Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Nanjing International G...
1A1 DGNJDZ-1A1 Datasheet
101Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Won-Top Electronics
1A1 WTE-1A1 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
logo
Micro Commercial Compon...
1A1 MCC-1A1 Datasheet
504Kb / 3P
   1 Amp Miniature Plastic Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - 1A1

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
1A1-DO41 YFWDIODE-1A1-DO41 Datasheet
393Kb / 2P
   1 Amp Miniature Plastic Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
1A1 MCC-1A1 Datasheet
94Kb / 2P
   1 Amp Miniature Plastic Silicon Rectifier 50 to 1000 Volts
1A1 MCC-1A1_13 Datasheet
504Kb / 3P
   1 Amp Miniature Plastic Silicon Rectifier 50 to 1000 Volts
1A1 MCC-1A1_11 Datasheet
443Kb / 3P
   1 Amp Miniature Plastic Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
1A1 CHENYI-1A1 Datasheet
86Kb / 2P
   1 Amp Miniature Plasftic Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
S1A MCC-S1A_11 Datasheet
237Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
GS1A MCC-GS1A_11 Datasheet
237Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
FR101 MCC-FR101 Datasheet
79Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
FR101 MCC-FR101_11 Datasheet
242Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
logo
Shenzhen Jin Yu Semicon...
GS1A HTSEMI-GS1A Datasheet
755Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com